Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 70 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 70 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 66Page - Analog Devices LTM4686BEVPBF Datasheet HTML 67Page - Analog Devices LTM4686BEVPBF Datasheet HTML 68Page - Analog Devices LTM4686BEVPBF Datasheet HTML 69Page - Analog Devices LTM4686BEVPBF Datasheet HTML 70Page - Analog Devices LTM4686BEVPBF Datasheet HTML 71Page - Analog Devices LTM4686BEVPBF Datasheet HTML 72Page - Analog Devices LTM4686BEVPBF Datasheet HTML 73Page - Analog Devices LTM4686BEVPBF Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
LTM4686B
70
Rev. 0
For more information www.analog.com
• Do not put vias directly on pads, unless they are capped
or plated over.
• Use a separate SGND copper plane for components
connected to signal pins. Connect SGND to GND local
to the LTM4686B.
• For parallel modules, tie the VOUTn, VOSNS0+/VOSNS–
and/or VOSNS1/SGND voltage-sense differential pair
APPLICATIONS INFORMATION
Figure 28. Recommended PCB Layout Package Top View
lines, RUNn, GPIOn, COMPna, SYNC and SHARE_CLK
pins together—as shown in Figure 32.
• Bring out test points on the signal pins for monitoring.
Figure 28a shows a good example of the LTM4686B’s rec-
ommended layout. For flexibility, the LTM4686B is drop-in
pin-compatible to its taller, larger dual 13A LTM4676A
and dual 18A LTM4677 sibling modules—as seen in the
layout recommended by Figure 28b.
1
2
3
4
5
6
7
8
9
M
L
K
J
H
G
F
E
D
C
B
A
SGND
9
8
7
6
5
COUT0
GND
COUT1
CIN1
CIN0
VIN0
VIN1
GND
GND
4
3
2
1
A
B
C
D
E
F
G
GND
VOUT1
VOUT0
H
J
K
L
M
VOUT0
VIN0
GND
GND
GND
SGND
GND
GND
GND
GND
VOUT1
VIN1
SGND
9
8
7
6
5
COUT0
GND
COUT1
CIN1
CIN0
VIN0
VIN1
GND
GND
4
3
2
1
A
B
C
D
E
F
G
CNTRL
VOUT1
4686B F28ab
VOUT0
H
J
K
L
M
(a) PCB Layout for LTM4686B, LTM4686 and LTM4675, Package Top View
9
8
7
6
5
4
3
2
1
(b) PCB Layout to Accommodate Any of LTM4686B or LTM4686 or LTM4675 or LTM4676A or LTM4677 Modules
VIN0
VIN1
VOUT0
VOUT1
A
B
C
D
E
F
G
H
J
K
L
M
GND
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com