Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 77 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 77 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 73Page - Analog Devices LTM4686BEVPBF Datasheet HTML 74Page - Analog Devices LTM4686BEVPBF Datasheet HTML 75Page - Analog Devices LTM4686BEVPBF Datasheet HTML 76Page - Analog Devices LTM4686BEVPBF Datasheet HTML 77Page - Analog Devices LTM4686BEVPBF Datasheet HTML 78Page - Analog Devices LTM4686BEVPBF Datasheet HTML 79Page - Analog Devices LTM4686BEVPBF Datasheet HTML 80Page - Analog Devices LTM4686BEVPBF Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
LTM4686B
77
Rev. 0
For more information www.analog.com
APPENDIX A
SIMILARITY BETWEEN PMBUS, SMBUS AND I2C
2-WIRE INTERFACE
The PMBus 2-wire interface is an incremental extension
of the SMBus. SMBus is built upon I2C with some minor
differences in timing, DC parameters and protocol. The
PMBus/SMBus protocols are more robust than simple I2C
byte commands because PMBus/SMBus provide time-
outs to prevent bus errors and optional packet error check-
ing (PEC) to ensure data integrity. In general, a master
device that can be configured for I2C communication can
be used for PMBus communication with little or no change
to hardware or firmware. Repeat start (restart) is not
supported by all I2C controllers but is required for SMBus/
PMBus reads. If a general purpose I2C controller is used,
check that repeat start is supported.
For a description of the minor extensions and exceptions
PMBus makes to SMBus, refer to PMBus Specification
Part 1 Revision 1.2: Paragraph 5: Transport.
For a description of the differences between SMBus
and I2C, refer to System Management Bus (SMBus)
Specification Version 2.0: Appendix B—Differences
Between SMBus and I2C.
PMBus data format terminology and abbreviations used
in ADI data sheets (see Appendix C: PMBus Command
Details, for example), application notes, and the
LTpowerPlay GUI are indicated in Table 21.
Table 21. Data Format Terminology
PMBus TERMINOLOGY
MEANING
TERMINOLOGY FOR: SPECS, GUI,
APPLICATION NOTES
ABBREVIATIONS FOR SUMMARY
COMMAND TABLE
Linear
Linear
Linear_5s_11s
L11
Linear (for Voltage Related Commands)
Linear
Linear_16u
L16
Direct
Direct-Manufacturer Customized
DirectMfr
CF
Hex
Hex
I16
ASCII
ASCII
ASC
Register Fields
Reg
Reg
Handshaking features are included to ensure robust system communication. Please refer to the PMBus Communication and Command Processing
subsection of the Applications Information section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com