Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 86 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 86 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 82Page - Analog Devices LTM4686BEVPBF Datasheet HTML 83Page - Analog Devices LTM4686BEVPBF Datasheet HTML 84Page - Analog Devices LTM4686BEVPBF Datasheet HTML 85Page - Analog Devices LTM4686BEVPBF Datasheet HTML 86Page - Analog Devices LTM4686BEVPBF Datasheet HTML 87Page - Analog Devices LTM4686BEVPBF Datasheet HTML 88Page - Analog Devices LTM4686BEVPBF Datasheet HTML 89Page - Analog Devices LTM4686BEVPBF Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 130 page
background image
LTM4686B
86
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
OPERATION
The OPERATION command is used to turn the unit on and off in conjunction with the input from the RUNn pins. It is
also used to cause the unit to set the output voltage to the upper or lower MARGIN VOLTAGEs. The unit stays in the
commanded operating mode until a subsequent OPERATION command or change in the state of the RUNn pin instructs
the device to change to another mode. If the part is stored in the MARGIN_LOW/HIGH state, the next MFR_RESET
or RESTORE_USER_ALL or SVIN power cycle will ramp to that state. If the OPERATION command is modified, for
example ON is changed to MARGIN_LOW, the output will move at a fixed slope set by the VOUT_TRANSITION_RATE.
The default operation command is sequence off.
Margin High (Ignore Faults) and Margin Low (Ignore Faults) operations are not supported by the LTM4686B.
The part defaults to the Sequence Off state.
This command has one data byte.
Table 23. OPERATION Command Detail Register OPERATION Data Contents
When On_Off_Config_Use_PMBus Enables Operation_Control
SYMBOL
ACTION
VALUE
BITS
FUNCTION
Turn off immediately
0x00
Turn on
0x80
Margin Low
0x98
Margin High
0xA8
Sequence off
0x40
OPERATION Data Contents When On_Off_Config is Configured Such That
OPERATION Command Is Not Used to Command Channel On or Off
SYMBOL
ACTION
VALUE
BITS
FUNCTION
Output at Nominal
0x80
Margin Low
0x98
Margin High
0xA8
Note: Attempts to write a reserved value will cause a CML fault.
MFR_RESET
ThiscommandprovidesameansbywhichtheusercanperformaresetoftheLTM4686B.IdenticaltoRESTORE_USER_ALL.
This write-only command has no data bytes.
PWM CONFIG
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_PWM_MODE
0xD4
Configuration for the PWM engine of each channel.
R/W Byte
Y
Reg
Y
0xC3
MFR_PWM_CONFIG
0xF5
Set numerous parameters for the DC/DC controller
including phasing.
R/W Byte
N
Reg
Y
0x10
FREQUENCY_SWITCH
0x33
Switching frequency of the controller.
R/W Word
N
L11
kHz
Y
1000
0x03E8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com