Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 51 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 51 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 47Page - Analog Devices LTM4686BEVPBF Datasheet HTML 48Page - Analog Devices LTM4686BEVPBF Datasheet HTML 49Page - Analog Devices LTM4686BEVPBF Datasheet HTML 50Page - Analog Devices LTM4686BEVPBF Datasheet HTML 51Page - Analog Devices LTM4686BEVPBF Datasheet HTML 52Page - Analog Devices LTM4686BEVPBF Datasheet HTML 53Page - Analog Devices LTM4686BEVPBF Datasheet HTML 54Page - Analog Devices LTM4686BEVPBF Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 130 page
background image
LTM4686B
51
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 8. Recommended MFR_IIN_OFFSETn Setting vs
Switching Frequency Setting
SWITCHING
FREQUENCY
(kHz)
FREQUENCY_
SWITCH
COMMAND
VALUE (HEX.)
RECOMMENDED
MFR_IIN_
OFFSETn
SETTING (mA)
RECOMMENDED
MFR_IIN_
OFFSETn
SETTING (HEX.)
500
0xFBE8
29.56
0x8BC9
575
0x023F
32.35
0x9212
650
0x028A
35.14
0x9240
750
0x02EE
38.86
0x927D
1000
0x03E8
48.16
0x9315
Sync. to
External Clock,
fSYNC
N/A
0.0372 • fSYNC +
10.96
*
*See Appendix C: PMBus Command Details, L11 data format.
MINIMUM ON-TIME CONSIDERATIONS
Minimum on-time, tON(MIN), is the smallest time dura-
tion that the LTM4686B is capable of turning on the top
MOSFET. It is determined by internal timing delays and
the gate charge required to turn on the top MOSFET. Low
duty cycle applications may approach this minimum on-
time limit and care should be taken to ensure Equation 6.
tON(MIN) <
VOUTn
VINn • fOSC
(6)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTM4686B is 45ns, nomi-
nal, guardband to 90ns.
VARIABLE DELAY TIME, SOFT-START AND OUTPUT
VOLTAGE RAMPING
The LTM4686B must enter its run state prior to soft-start.
The RUNn pins are released after the part initializes and
SVIN is greater than the VIN_ON threshold. If multiple
LTM4686Bs are used in an application, they should be
configured to share the same RUNn pins. They all hold
their respective RUNn pins low until all devices initialize
and SVIN exceeds the VIN_ON threshold for all devices.
The SHARE_CLK pin assures all the devices connected to
the signal use the same time base.
After the RUNn pin releases, the controller waits for the
user-specified turn-on delay (TON_DELAYn) prior to ini-
tiating an output voltage ramp. Multiple LTM4686Bs and
other ADI parts can be configured to start with variable
delay times. To work correctly, all devices use the same
timing clock (SHARE_CLK) and all devices must share
the RUNn pin. This allows the relative delay of all parts to
be synchronized. The actual variation in the delay will be
dependent on the highest clock rate of the devices con-
nected to the SHARE_CLK pin (all Analog Devices, ICs
are configured to allow the fastest SHARE_CLK signal to
control the timing of all devices). The SHARE_CLK signal
can be ±5% in frequency, thus the actual time delays will
have some variance.
Soft-start is performed by actively regulating the load
voltage while digitally ramping the target voltage from 0V
to the commanded voltage set point. The rise time of the
voltage ramp can be programmed using the TON_RISEn
command to minimize inrush currents associated with the
start-up voltage ramp. The soft-start feature is disabled
by setting TON_RISEn to any value less than 0.250ms.
The LTM4686B performs the necessary math internally to
assure the voltage ramp is controlled to the desired slope.
However, the voltage slope can not be any faster than the
fundamental limits of the power stage. The number of steps
in the ramp is equal to TON_RISE/0.1ms. Therefore, the
shorter the TON_RISEn time setting, the more jagged the
soft-start ramp appears.
The LTM4686B PWM always operates in discontinuous
mode during the TON_RISEn operation. In discontinuous
mode, the bottom MOSFET (MBn) is turned off as soon
as reverse current is detected in the inductor. This allows
the regulator to start up into a prebiased load.
There is no analog tracking feature in the LTM4686B;
however, two outputs can be given the same TON_RISEn
and TON_DELAYn times to achieve ratiometric rail track-
ing. Because the RUNn pins are released at the same time
and both units use the same time base (SHARE_CLK), the
outputs track very closely. If the circuit is in a PolyPhase
configuration, all timing parameters must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com