Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 66 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 66 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 62Page - Analog Devices LTM4686BEVPBF Datasheet HTML 63Page - Analog Devices LTM4686BEVPBF Datasheet HTML 64Page - Analog Devices LTM4686BEVPBF Datasheet HTML 65Page - Analog Devices LTM4686BEVPBF Datasheet HTML 66Page - Analog Devices LTM4686BEVPBF Datasheet HTML 67Page - Analog Devices LTM4686BEVPBF Datasheet HTML 68Page - Analog Devices LTM4686BEVPBF Datasheet HTML 69Page - Analog Devices LTM4686BEVPBF Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 130 page
background image
LTM4686B
66
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION-DERATING CURVES
Figure 19. 5V to 1V
Derating Curve, No Heat Sink
Figure 20. 3.3V to 1V
Derating Curve with Heat Sink
Figure 21. 5V to 1V
Derating Curvewith Heat Sink
Figure 22. 3.3V to 1.8V
Derating Curve, No Heat Sink
Figure 23. 5V to 1.8V
Derating Curve, No Heat Sink
Figure 24. 3.3V to 1.8V
Derating Curve with Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F19
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F20
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F21
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F23
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F24
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F22
Figure 25. 5V to 1.8V
Derating Curve with Heat Sink
Figure 26. 5V to 3.3V
Derating Curve, No Heat Sink
Figure 27. 5V to 3.3V
Derating Curve with Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F25
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F26
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com