Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 94 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 94 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 90Page - Analog Devices LTM4686BEVPBF Datasheet HTML 91Page - Analog Devices LTM4686BEVPBF Datasheet HTML 92Page - Analog Devices LTM4686BEVPBF Datasheet HTML 93Page - Analog Devices LTM4686BEVPBF Datasheet HTML 94Page - Analog Devices LTM4686BEVPBF Datasheet HTML 95Page - Analog Devices LTM4686BEVPBF Datasheet HTML 96Page - Analog Devices LTM4686BEVPBF Datasheet HTML 97Page - Analog Devices LTM4686BEVPBF Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 130 page
background image
LTM4686B
94
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
Output Current
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
IOUT_OC_FAULT_LIMIT
0x46
Output overcurrent fault limit.
R/W Word
Y
L11
A
Y
36
0xE240
IOUT_OC_WARN_LIMIT
0x4A
Output overcurrent warning limit.
R/W Word
Y
L11
A
Y
20.5
0xDA90
IOUT_OC_FAULT_LIMIT
The IOUT_OC_FAULT_LIMIT command sets the value of the peak output current limit, in amperes. When the controller
is in current limit, the overcurrent detector will indicate an overcurrent fault condition. The programmed overcurrent
fault limit value is rounded up to the nearest one of the following set of discrete values:
25mV/IOUT_CAL_GAIN
Low Range (1.5x Nominal Loop Gain)
MFR_PWM_MODE [7] = 0
28.6mV/IOUT_CAL_GAIN
32.1mV/IOUT_CAL_GAIN
35.7mV/IOUT_CAL_GAIN
39.3mV/IOUT_CAL_GAIN
42.9mV/IOUT_CAL_GAIN
46.4mV/IOUT_CAL_GAIN
50mV/IOUT_CAL_GAIN
37.5mV/IOUT_CAL_GAIN
High Range (Nominal Loop Gain)
MFR_PWM_MODE [7] = 1
42.9mV/IOUT_CAL_GAIN
48.2mV/IOUT_CAL_GAIN
53.6mV/IOUT_CAL_GAIN
58.9mV/IOUT_CAL_GAIN
64.3mV/IOUT_CAL_GAIN
69.6mV/IOUT_CAL_GAIN
75mV/IOUT_CAL_GAIN
Note: This is the peak of the current waveform. The READ_IOUT command returns the average current. The peak output
current limits are adjusted with temperature based on the MFR_IOUT_CAL_GAIN_TC using the equation:
IOUT_OC_FAULT_LIMIT = IOUT_CAL_GAIN • (1 + MFR_IOUT_CAL_GAIN_TC • (READ_TEMPERTURE_1-27.0)).
The LTpowerPlay GUI automatically convert the voltages to currents.
The IOUT range is set with bit 7 of the MFR_PWM_MODE command.
The IOUT_OC_FAULT_LIMIT is ignored during TON_RISE and TOFF_FALL.
This command has two data bytes and is formatted in Linear_5s_11s format.
IOUT_OC_WARN_LIMIT
This command sets the value of the output current that causes an output overcurrent warning in amperes. The
READ_IOUT value will be used to determine if this limit has been exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com