Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 37 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 37 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 33Page - Analog Devices LTM4686BEVPBF Datasheet HTML 34Page - Analog Devices LTM4686BEVPBF Datasheet HTML 35Page - Analog Devices LTM4686BEVPBF Datasheet HTML 36Page - Analog Devices LTM4686BEVPBF Datasheet HTML 37Page - Analog Devices LTM4686BEVPBF Datasheet HTML 38Page - Analog Devices LTM4686BEVPBF Datasheet HTML 39Page - Analog Devices LTM4686BEVPBF Datasheet HTML 40Page - Analog Devices LTM4686BEVPBF Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
LTM4686B
37
Rev. 0
For more information www.analog.com
are used to determine the appropriate response to
an overtemperature and undertemperature condition,
respectively.
The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely using the
Time Interval Specified in MFR_RETRY_DELAYn
See Table 28.
RESPONSES TO EXTERNAL FAULTS
When either GPIOn pin is pulled low, the OTHER bit is
set in the STATUS_WORD command, the appropriate bit
is set in the STATUS_MFR_SPECIFC command, and the
ALERT pin is pulled low. Responses are not deglitched.
Each channel can be configured to ignore or shut down
then retry in response to its GPIOn pin going low by modi-
fying the MFR_GPIO_RESPONSEn command. To avoid
the ALERT pin asserting low when GPIOn is pulled low,
assert bit 1 of MFR_CHAN_CONFIGn, or mask the ALERT
using the SMBALERT_MASK command.
FAULT LOGGING
The LTM4686B has fault logging capability. Data is logged
into memory in the order shown in Table 30. The data to
be stored in the fault log is being continuously stored in
internal volatile memory. When a fault event occurs, the
recording into internal volatile memory is halted, the fault
log information is available from the MFR_FAULT_LOG
command, and the contents of the internal memory are
copied into EEPROM. Fault logging is allowed at tempera-
tures above 85°C; however, retention of 10 years is not
guaranteed. When the die temperature exceeds 130°C the
fault logging is delayed until the die temperature drops
below 125°C. After the fault condition that created the
fault log event has been removed, clear the fault before the
fault log data is erased, or else the part will immediately
issue another fault log.
OPERATION
When the LTM4686B powers-up, it checks the EEPROM
for a valid fault log. If a valid fault log exists in EEPROM,
the “Valid Fault Log” bit in the STATUS_MFR_SPECIFIC
command will be set and an ALERT event will be gen-
erated. Also, fault logging will be blocked until the
LTM4686B has received a MFR_FAULT_LOG_CLEAR
command before fault logging will be re-enabled.
The information is stored in EEPROM in the event of
any fault that disables the controller on either channel.
An external GPIOn pulling low will not trigger a fault
logging event.
BUS TIMEOUT PROTECTION
The LTM4686B implements a timeout feature to avoid
hanging the serial interface. The data packet timer begins
at the first START event before the device address write
byte. Data packet information must be completed within
25ms or the LTM4686B will three-state the bus and ignore
the given data packet. If more time is required, assert
bit 3 of MFR_CONFIG_ALL to allow typical bus timeouts
of 255ms. Data packet information includes the device
address byte write, command byte, repeat start event (if a
read operation), device address byte read (if a read opera-
tion), all data bytes and the PEC byte if applicable.
The LTM4686B allows longer PMBus timeouts for block
read data packets. This timeout is proportional to the
length of the block read. The additional block read timeout
applies primarily to the MFR_FAULT_LOG command. In
no circumstances will the timeout period be less than the
tTIMEOUT_SMB specification of 32ms (typical).
The user is encouraged to use as high a clock rate
as possible to maintain efficient data packet transfer
between all devices sharing the serial bus interface. The
LTM4686B supports the full PMBus frequency range
from 10kHz to 400kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com