Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 5 Page - Analog Devices

  LTM4686BEVPBF Datasheet HTML 1Page - Analog Devices LTM4686BEVPBF Datasheet HTML 2Page - Analog Devices LTM4686BEVPBF Datasheet HTML 3Page - Analog Devices LTM4686BEVPBF Datasheet HTML 4Page - Analog Devices LTM4686BEVPBF Datasheet HTML 5Page - Analog Devices LTM4686BEVPBF Datasheet HTML 6Page - Analog Devices LTM4686BEVPBF Datasheet HTML 7Page - Analog Devices LTM4686BEVPBF Datasheet HTML 8Page - Analog Devices LTM4686BEVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
LTM4686B
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 5V, RUNn = 5V,
FREQUENCY_SWITCH = 1MHz, VOUT_COMMANDn = 1V and VOUT_UV_FAULT_RESPONSEn = TON_MAX_FAULT_RESPONSEn = 0x00
unless otherwise noted. All other command codes configured per factory-default EEPROM settings unless otherwise noted. Tested per
Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
∆VOUTn(LS)
Peak Output Voltage
Deviation for Dynamic
Load Step
Load: 0A to 7A and 7A to 0A at 5A/µs, Figure 62 Circuit,
VOUTn = 1V, VIN = 5VIN (Note 12)
42
mV
tSETTLE
Settling Time for
Dynamic Load Step
Load: 0A to 7A and 7A to 0A at 5A/µs, Figure 62 Circuit,
VOUTn = 1V, VIN = 5VIN (Note 12)
60
µs
IOUTn(OCL_PK)
Output Current Limit,
Peak
Cycle-by-Cycle Inductor Peak Current Limit Inception
Commanded by IOUT_OC_FAULT_LIMITn (Note 12)
36
A
IOUTn(OCL_AVG)
Output Current Limit,
Time Averaged
Time-Averaged Output Inductor Current Limit Inception Threshold
26A; See IO–RB–ACC
Specification (Output Current
Readback Accuracy)
Control Section
VFBCM0
Channel 0 Feedback
Input Common Mode
Range
VOSNS0– Valid Input Range (Referred to SGND)
VOSNS0+ Valid Input Range (Referred to SGND)
l
l
–0.1
0.1
3.6
V
V
VFBCM1
Channel 1 Feedback
Input Common Mode
Range
SGND Valid Input Range (Referred to GND)
VOSNS1 Valid Input Range (Referred to SGND)
l
l
–0.3
0.1
3.6
V
V
VOUT–RNG0
Full-Scale Command
Voltage, Range 0
(Notes 7, 15)
VOUTn Commanded to 3.600V, MFR_PWM_MODEn[1] = 0b
Resolution
LSB Step Size
3.548
12
1.375
3.651
V
Bits
mV
VOUT–RNG1
Full-Scale Command
Voltage, Range 1
(Notes 7, 15)
VOUTn Commanded to 2.750V, MFR_PWM_MODEn[1] = 1b
Resolution
LSB Step Size
2.711
12
0.6875
2.788
V
Bits
mV
RVOSNS0+
VOSNS0+ Impedance to
SGND
0.05V ≤ VVOSNS0+ – VSGND ≤ 3.6V
41
RVOSNS1
VOSNS1 Impedance to
SGND
0.05V ≤ VVOSNS1 – VSGND ≤ 3.6V
37
tON(MIN)
Minimum On-Time
(Note 8 )
45
ns
VOUT OV/UV (Overvoltage/Undervoltage) Supervisor Comparators (VOUT_OV/UV_FAULT_LIMIT and VOUT_OV/UV_WARN_LIMIT Monitors)
NOV/UV_COMP
Resolution, Output
Voltage Supervisors
(Note 15)
8
Bits
VOV–RNG
Output OV Comparator
Threshold Detection
Range
(Note 15)
High Range Scale, MFR_PWM_MODEn[1] = 0b
Low Range Scale, MFR_PWM_MODEn[1] = 1b
1
0.5
4.0
2.7
V
V
VOU–STP
Output OV and UV
Comparator Threshold
Programming LSB
Step Size
(Note 15)
High Range Scale, MFR_PWM_MODEn[1] = 0b
Low Range Scale, MFR_PWM_MODEn[1] = 1b
22
11
mV
mV
VOV–ACC
Output OV Comparator
Threshold Accuracy
(See Note 14)
2V ≤ VVOSNS0+ – VVOSNS0– ≤ 4V, MFR_PWM_MODE0[1] = 0b
1V ≤ VVOSNS0+ – VVOSNS0– ≤ 2.7V, MFR_PWM_MODE0[1] = 1b
0.5V ≤ VVOSNS0+ – VVOSNS0– < 1V, MFR_PWM_MODE0[1] = 1b
2V ≤ VVOSNS1 – VSGND ≤ 4V, MFR_PWM_MODE1[1] = 0b
1.5V ≤ VVOSNS1 – VSGND ≤ 2.7V, MFR_PWM_MODE1[1] = 1b
0.5V ≤ VVOSNS1 – VSGND < 1.5V, MFR_PWM_MODE1[1] = 1b
l
l
l
l
l
l
±2
±2
±20
±2
±2
±30
%
%
mV
%
%
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com