Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 33 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 33 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 29Page - Analog Devices LTM4686BEVPBF Datasheet HTML 30Page - Analog Devices LTM4686BEVPBF Datasheet HTML 31Page - Analog Devices LTM4686BEVPBF Datasheet HTML 32Page - Analog Devices LTM4686BEVPBF Datasheet HTML 33Page - Analog Devices LTM4686BEVPBF Datasheet HTML 34Page - Analog Devices LTM4686BEVPBF Datasheet HTML 35Page - Analog Devices LTM4686BEVPBF Datasheet HTML 36Page - Analog Devices LTM4686BEVPBF Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 130 page
background image
LTM4686B
33
Rev. 0
For more information www.analog.com
OPERATION
The integrity of the EEPROM is checked with a CRC calcu-
lation each time its data is read, such as after a power-on
reset or execution of a RESTORE_USER_ALL or MFR_
RESET command. If CRC error occurs, the MFR bit is set
in the STATUS_BYTE and STATUS_WORD commands.
The NVM CRC error bit in the STATUS_MFR_SPECIFIC
command is set and the ALERT and RUN pins are pulled
low disabling the output as a safety measure. The device
will only respond at special address 0x7C or global
addresses 0x5A and 0x5B.
Internal EEPROM with CRC Protection and ECC
The LTM4686B contains internal EEPROM with Error
Correction Coding (ECC) to store user configuration set-
tings and fault log information. EEPROM endurance and
retention for user space and fault log pages are speci-
fied in the Absolute Maximum Ratings and Electrical
Characteristics table.
The integrity of the EEPROM memory is checked with a
CRC calculation each time its data is to be read, such as
after a power-on reset. A CRC error will prevent the con-
troller from leaving the OFF state. If a CRC error occurs, the
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_MFR_
SPECIFIC command, and the ALERT and RUN pins will be
pulled low. At that point the device will respond at special
address 0x7C, which is only activated after an invalid CRC
has been detected. The module will also respond to global
addresses 0x5A and 0x5B, but all ADI PSM modules and
ICs will respond to these addresses so users must be
careful when using global addresses. EEPROM repair can
be attempted by writing the desired configuration to the
controller and executing a STORE_USER_ALL command
followed by a CLEAR_FAULTS command. Contact the fac-
tory if EEPROM repair is unsuccessful.
See the Applications Information section and Analog
Devices Application Note 145, or contact the factory
for details on efficient in-system EEPROM program-
ming, including bulk EEPROM programming, which the
LTM4686B also supports.
SERIAL INTERFACE
The LTM4686B serial interface is a PMBus compliant slave
device and can operate at any frequency between 10kHz
and 400kHz. The address is configurable using either the
EEPROM or an external resistor. In addition the LTM4686B
always responds to the global broadcast address of 0x5A
(7 bit) or 0x5B (7 bit). Address 0x5A is not paged and
is performed on both channels. 0x5B respects the page
command. Because address 0x5A does not support page,
it can not be used for any paged reading commands.
The serial interface supports the following protocols
defined in the PMBus specifications: 1) send command,
2) write byte, 3) write word, 4) group, 5) read byte, 6)
read word and 7) read block 8) PAGE_PLUS_READ, 9)
PAGE_PLUS_WRITE 10) SMBALERT_MASK read, 11)
SMBALERT_MASK write. All read operations will return
a valid PEC if the PMBus master requests it. If the PEC_
REQUIRED bit is set in the MFR_CONFIG_ALL command,
the PMBus write operations will not be acted upon until a
valid PEC has been received by the LTM4686B.
Communication Protection
PEC write errors (if PEC_REQUIRED is active), attempts
to access unsupported commands, or writing invalid data
to supported commands will result in a CML fault. The
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_CML
command, and the ALERT pin is pulled low.
DEVICE ADDRESSING
The LTM4686B offers four different types of addressing
over the PMBus interface, specifically: 1) global, 2) device,
3) rail addressing and 4) alert response address (ARA).
Global addressing provides a means of the PMBus master to
address all LTM4686B devices on the bus. The LTM4686B
globaladdressisfixed0x5A(7bit)or0xB4(8bit)andcannot
be disabled. Commands sent to the global address act the
same as if PAGE is set to a value of 0xFF. Commands sent are
written to both channels simultaneously. Global command
0x5B (7 bit) or 0xB6 (8 bit) is paged and allows channel spe-
cific command of all LTM4686B devices on the bus. Other
ADI device types may respond at one or both of these global
addresses;thereforedonotreadfromglobaladdresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com