Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 31 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 31 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 27Page - Analog Devices LTM4686BEVPBF Datasheet HTML 28Page - Analog Devices LTM4686BEVPBF Datasheet HTML 29Page - Analog Devices LTM4686BEVPBF Datasheet HTML 30Page - Analog Devices LTM4686BEVPBF Datasheet HTML 31Page - Analog Devices LTM4686BEVPBF Datasheet HTML 32Page - Analog Devices LTM4686BEVPBF Datasheet HTML 33Page - Analog Devices LTM4686BEVPBF Datasheet HTML 34Page - Analog Devices LTM4686BEVPBF Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
LTM4686B
31
Rev. 0
For more information www.analog.com
OPERATION
Output power readback is computed by the LTM4686B
according to:
READ_POUTn = READ_VOUTn • READ_IOUTn
Alternating excitation currents of 2µA and 30µA are
sourced from the TSNS1a pin. Connecting TSNS1a to
TSNS1b, temperature sensing of the Channel 1 power
stage is realized by the LTM4686B digitizing the voltages
that appear at the PNP transistor temperature sensor that
resides at the TSNS1b pin. Analogous activity occurs on
the TSNS0 node, from which Channel 0 power stage
temperature is derived. The LTM4686B performs what is
known in the industry as delta VBE (∆VBE) computations
and makes channel (power stage) temperature telemetry
available over I2C (READ_TEMPERATURE_1n). The junc-
tion temperature of the control IC within the LTM4686B
is also available over I2C (READ_TEMPERATURE_2).
Observed peak Channel temperatures can be read back
in registers READ_MFR_TEMPERATURE_1_PEAKn.
Observed peak temperature of the control IC can be read
back in register MFR_READ_TEMPERATURE_2_PEAK.
For a fixed load current, the amplitude of the current
sense information changes over temperature due to the
temperature coefficient of copper (inductor DCR), which
is approximately 3900ppm/°C. This would introduce sig-
nificant current readback error over the operating range
of the module if not for the fact that the LTM4686B’s tem-
perature readback information is used in conjunction with
the perceived current sense signal to yield temperature-
corrected current readback data.
If desired, it is possible to use only the temperature
readback information derived by the TSNS0 pin to yield
temperature-corrected current readback data for both
Channels 0 and 1. This frees up the Channel 1 tempera-
ture sensor to monitor a temperature sensor external to
the LTM4686B. This is achieved by setting MFR_PWM_
MODE0[4] = 1b (the NVM-factory default value is 0b).
This degrades the current readback accuracy of Channel
1—more so when Channel 0 and Channel 1 are not paral-
leled outputs. However, the TSNS1a pin becomes available
to be connected to an external diode-connected small-
signal PNP transistor (such as 2N3906) and 10nF X7R
capacitor, i.e., an external temperature sensor, whose
temperature readback data and peak value are avail-
able over I2C (READ_TEMPERATURE_11, MFR_READ_
TEMPERATURE_1_PEAK1). Implementation of the
aforementioned is as follows: (1) local to the LTM4686B,
electrically connect a 10nF X7R capacitor directly from
TSNS1a to SGND; (2) differentially route a pair of traces
from the LTM4686B’s TSNS1a and SGND pins to the tar-
get PNP transistor; (3) electrically connect the emitter of
the PNP transistor to TSNS1a; (4) electrically connect the
collector and base of the PNP transistor to SGND.
Power stage duty cycle readback telemetry is available
over I2C (READ_DUTY_CYCLEn registers). Computed
channel input current readback is computed by the
LTM4686B as:
MFR_READ_IINn = READ_DUTY_CYCLEn • READ_IOUTn
+ MFR_IIN_OFFSETn
Computed module input current readback is computed
by the LTM4686B as:
READ_IIN = MFR_READ_IIN0 + MFR_READ_IIN1
where MFR_IIN_OFFSETn is a register value represent-
ing the SVIN input bias current. The SVIN current is not
digitized by the module. The factory NVM-default value of
MFR_IIN_OFFSETn is 48.16mA, representing the contribu-
tion of current drawn by each of the module’s channels
on the SVIN pin, when the power stages are operating
in forced continuous mode at the factory-default switch-
ing frequency of 1MHz. See Table 8 in the Applications
Information section for recommended MFR_IIN_OFFSETn
setting vs Switching Frequency. The aforementioned
method by which input current is calculated yields an
accurate current readback value even at light load currents,
but only as long as the module is configured for forced
continuous operation (NVM-factory default). SVIN and
peak SVIN readback telemetry is accessible via I2C in the
READ_VIN and MFR_VIN_PEAK registers, respectively.
The power stage switch nodes are brought out on the
SWn pin for functional operation monitoring and for
optional installation of a resistor-capacitor snubber circuit
(terminated to GND) for reduced EMI.
The LTM4686B features a write protect (WP) pin. If WP is
open circuit or logic high, I2C writes are severely restricted:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com