Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 79 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 79 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 75Page - Analog Devices LTM4686BEVPBF Datasheet HTML 76Page - Analog Devices LTM4686BEVPBF Datasheet HTML 77Page - Analog Devices LTM4686BEVPBF Datasheet HTML 78Page - Analog Devices LTM4686BEVPBF Datasheet HTML 79Page - Analog Devices LTM4686BEVPBF Datasheet HTML 80Page - Analog Devices LTM4686BEVPBF Datasheet HTML 81Page - Analog Devices LTM4686BEVPBF Datasheet HTML 82Page - Analog Devices LTM4686BEVPBF Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 130 page
background image
LTM4686B
79
Rev. 0
For more information www.analog.com
APPENDIX B
Figure 38. PMBus Packet Protocol Diagram Element Key
Figure 39. Quick Command Protocol
Figure 40. Send Byte Protocol
Figure 41. Send Byte Protocol with PEC
Figure 42. Write Byte Protocol
Figure 43. Write Byte Protocol with PEC
SLAVE ADDRESS
DATA BYTE
Wr A
A P
4686B F38
S
7
S
START CONDITION
Sr
REPEATED START CONDITION
Rd
READ (BIT VALUE OF 1)
Wr
WRITE (BIT VALUE OF 0)
x
SHOWN UNDER A FIELD INDICATES THAT THAT
FIELD IS REQUIRED TO HAVE THE VALUE OF x
A
ACKNOWLEDGE (THIS BIT POSITION MAY BE 0
FOR AN ACK OR 1 FOR A NACK)
P
STOP CONDITION
PEC PACKET ERROR CODE
MASTER TO SLAVE
SLAVE TO MASTER
CONTINUATION OF PROTOCOL
8
1 1
1
x
x
1
1
...
SLAVE ADDRESS Rd/Wr A P
4686B F39
S
7
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
Wr A
A P
4686B F40
S
7
8
1 1
1 1
1
SLAVE ADDRESS
COMMAND CODE
PEC
Wr A
A
A P
4686B F41
S
7
8
8
1 1
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
4686B F42
S
7
8
8
1 1
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
4686B F43
S
7
8
8
1
PEC
8
1 1
1
1 1
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com