Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 74 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 74 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 70Page - Analog Devices LTM4686BEVPBF Datasheet HTML 71Page - Analog Devices LTM4686BEVPBF Datasheet HTML 72Page - Analog Devices LTM4686BEVPBF Datasheet HTML 73Page - Analog Devices LTM4686BEVPBF Datasheet HTML 74Page - Analog Devices LTM4686BEVPBF Datasheet HTML 75Page - Analog Devices LTM4686BEVPBF Datasheet HTML 76Page - Analog Devices LTM4686BEVPBF Datasheet HTML 77Page - Analog Devices LTM4686BEVPBF Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
LTM4686B
74
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 33. One LTM4686B Operating In Parallel with 3xLTM4650 (See Demo Board DC2481A-B, Custom-Stuffed with LTM4686B Module for U1)
Producing 1VOUT at up to 174A. Power System Management Features Accessible Through LTM4686B. See Figure 34. Contact Sales Support for
Adapting Circuit for LTM4686B Use with LTM4631, LTM4620A, LTM4630
CIN1
10µF
×4
CIN5
150µF
10k
×6
4.5V TO 5.75V
CIN2
10µF
×4
COUT(MLCC)
100µF
×20
COUT(BULK)
470µF
×10
VOUT, 1V
ADJUSTABLE
UP TO 174A
VOUT0
TSNS0
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
LOAD
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
U1
LTM4686B
U2*
+
VOUT1
TSNS1a
TSNS1b
VOSNS1
SGND
PWM CLOCK SYNCH.
TIME BASE SYNCH.
SMBus INTERFACE WITH
PMBus COMMAND SET
ON/OFF CONTROL, FAULT
MANAGEMENT, POWER
SEQUENCING
RTH*
CTH*
CINTVCC2
4.7µF
U1: SLAVE ADDRESS = 1000000_R/W (0x40)
750kHz SWITCHING FREQUENCY WITH INTERLEAVING
NO GUI CONFIGURATION AND NO PART-SPECIFIC
PROGRAMMING REQUIRED EXCEPT:
MFR_GPIO_RESPONSEn = 0x00
MFR_GPIO_PROPAGATEn = 0x6893
IN MULTI-MODULE SYSTEMS, CONFIGURING
RAIL_ADDRESS IS RECOMMENDED
ELECTRICALLY UNCONNECTED PINS
VORB0+, VORB0– AND VORB1 NOT SHOWN
SETTING MFR_PWM_CONFIG[7] = 1b,
CONFIGURES THE VOUT1 CONTROL LOOP
TO USE THE VOSNS0+/VOSNS0– DIFFERENTIAL-
SENSE PIN-PAIR AS THE FEEDBACK SIGNAL
FOR REGULATING VOUT1.
RCLK
200
M1
2N7002A
1.2k
1%
±50ppm/°C
10.7k
1%
±50ppm/°C
RTEMP2
121k
RVFB
8.25k
RFSET2
121k
RDIV1*
RDIV2*
220pF
CIN3
10µF
×4
CIN4
10µF
×4
+
U5A
1/2 LT1801
VIN
TEMP
EXTVCC
PHASMD
RUN1
RUN2
TRACK1
TRACK2
PGOOD1
VOUT1
VOUTS1
VFB1
VOUT2
VOUTS2
VFB2
DIFFP
DIFFN
DIFFOUT
PGOOD2
COMP1
COMP2
fSET
U3*
CINTVCC3
4.7µF
RTEMP3
121k
RFSET3
121k
TEMP
EXTVCC
PHASMD
RUN1
RUN2
TRACK1
TRACK2
PGOOD1
VOUT1
VOUTS1
VFB1
VOUT2
VOUTS2
VFB2
DIFFP
DIFFN
DIFFOUT
PGOOD2
COMP1
COMP2
fSET
U4*
CINTVCC4
4.7µF
RTEMP4
121k
RFSET4
121k
TEMP
EXTVCC
PHASMD
RUN1
RUN2
TRACK1
TRACK2
PGOOD1
VOUT1
VOUTS1
VFB1
VOUT2
VOUTS2
VFB2
DIFFP
DIFFN
DIFFOUT
PGOOD2
4686B F33
COMP1
COMP2
fSET
+
U5B
1/2 LT1801
DEMO BOARD
DC2481A-B
OUTPUT CURRENT
UP TO 174A
U2, U3, U4
LTM4650
U1
LTM4686B
RDIV1
1.05k
RDIV2
10k
RTH
2k
CTH
6.8nF
*STUFFING OPTIONS
VIN
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com