Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 38 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 38 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 34Page - Analog Devices LTM4686BEVPBF Datasheet HTML 35Page - Analog Devices LTM4686BEVPBF Datasheet HTML 36Page - Analog Devices LTM4686BEVPBF Datasheet HTML 37Page - Analog Devices LTM4686BEVPBF Datasheet HTML 38Page - Analog Devices LTM4686BEVPBF Datasheet HTML 39Page - Analog Devices LTM4686BEVPBF Datasheet HTML 40Page - Analog Devices LTM4686BEVPBF Datasheet HTML 41Page - Analog Devices LTM4686BEVPBF Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 130 page
background image
command fault event. All output voltage settings and
measurements are based on the VOUT_MODE setting of
0x14. This translates to an exponent of 2–12.
If PMBus commands are received faster than they are
being processed, the part may become too busy to handle
new commands. In these circumstances the part follows
the protocols defined in the PMBus Specification v1.2,
Part II, Section 10.8.7, to communicate that it is busy.
The part includes handshaking features to eliminate
busy errors and simplify error handling software while
ensuring robust communication and system behavior.
Please refer to the PMBus Communication and Command
Processing subsection in the Applications Information
section for details.
Table 1. Summary of Supported Commands
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4686B NVM FACTORY-DEFAULT VALUE AND/OR ATTRIBUTES
PAGE
PAGE
0x00
Channel or page currently targeted
for paged communications.
0x00, read/write, non-paged, not stored in NVM.
82
OPERATIONn
0x01
Operating mode control. On/off,
margin high and margin low.
0x80, read/write, paged, stored in user-editable NVM.
86
ON_OFF_CONFIGn
0x02
RUNn pin and On/Off
Configuration.
0x1F, read/write, paged, stored in user-editable NVM.
85
CLEAR_FAULTS
0x03
Clear any fault bits that have been
set.
Default value not applicable, send byte only, non-paged, not stored in
NVM.
109
PAGE_PLUS_WRITE
0x05
Write a command directly to a
specified page.
Default value not applicable, write-only, non-paged, not stored in NVM.
82
PAGE_PLUS_READ
0x06
Read a command directly from a
specified page.
Default value not applicable, read/write, non-paged, not stored in NVM.
83
WRITE_PROTECT
0x10
Level of protection provided by the
device against accidental changes.
0x00, read/write, non-paged, stored in user-editable NVM.
83
STORE_USER_ALL
0x15
Store user operating memory to
EEPROM (user-editable NVM).
Default value not applicable, send byte only, non-paged, not stored in
NVM.
120
RESTORE_USER_ALL
0x16
Restore user operating memory
from EEPROM.
Default value not applicable, send byte only, non-paged, not stored in NVM.
Identical to MFR_RESET command (0xFD).
121
CAPABILITY
0x19
Summary of PMBus optional
communication protocols
supported by this device.
0xB0, read-only, non-paged, not stored in NVM.
108
SMBALERT_MASKn
0x1B
Mask ALERT activity.
Default mask values: STATUS_VOUTn = 0x00, STATUS_IOUTn = 0x00,
STATUS_INPUT = 0x00, STATUS_TEMPERATUREn = 0x00, STATUS_
CML = 0x00, STATUS_MFR_SPECIFICn = 0x11.
Read/write, paged as indicated, 10 bytes total, stored in NVM
110
VOUT_MODEn
0x20
Output voltage format/exponent.
0x14 (2–12), read-only, paged, not stored in NVM.
90
VOUT_COMMANDn
0x21
Nominal output voltage set point. 0x1000 (1.000V), read/write, paged, stored in user-editable NVM.
91
LTM4686B
38
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
PMBUS COMMANDS
Table 1 lists supported PMBus commands and manufac-
turer specific commands. A complete description of these
commands can be found in the “PMBus Power System
Management Protocol Specification – Part II – Revision
1.2." Users are encouraged to reference this specification.
Exceptions or manufacturer specific implementations are
listed in Table 1.
All commands from 0xD0 through 0xFF not listed in this
table are implicitly reserved by the manufacturer. Users
should avoid blind writes within this range of commands
to avoid undesired operation of the part. All commands
from 0x00 through 0xCF not listed in this table are
implicitly not supported by the manufacturer. Attempting
to access non-supported or reserved commands may
result in a CML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com