Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 40 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 40 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 36Page - Analog Devices LTM4686BEVPBF Datasheet HTML 37Page - Analog Devices LTM4686BEVPBF Datasheet HTML 38Page - Analog Devices LTM4686BEVPBF Datasheet HTML 39Page - Analog Devices LTM4686BEVPBF Datasheet HTML 40Page - Analog Devices LTM4686BEVPBF Datasheet HTML 41Page - Analog Devices LTM4686BEVPBF Datasheet HTML 42Page - Analog Devices LTM4686BEVPBF Datasheet HTML 43Page - Analog Devices LTM4686BEVPBF Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 130 page
background image
LTM4686B
40
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 1. Summary of Supported Commands
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4686B NVM FACTORY-DEFAULT VALUE AND/OR ATTRIBUTES
PAGE
OT_FAULT_
RESPONSEn
0x50
Action to be taken by the device
when an overtemperature fault is
detected via TSNSna.
0x80 (immediate off; no retry), read/write, paged, stored in user-editable
NVM.
104
OT_WARN_LIMITn
0x51
Overtemperature warning
threshold.
0xEBE8 (125°C), read/write, paged, stored in user-editable NVM.
96
UT_FAULT_LIMITn
0x53
Undertemperature fault threshold. 0xE530 (–45°C), read/write, paged, stored in user-editable NVM.
96
UT_FAULT_
RESPONSEn
0x54
Response to undertemperature
fault events.
0x80 (immediate off; no retry), read/write, paged, stored in user-editable
NVM, read/write, paged, stored in user-editable NVM.
105
VIN_OV_FAULT_
LIMIT
0x55
Input supply (SVIN) overvoltage
fault limit.
0xCB00 (6.000V), read/write, non-paged, stored in user-editable NVM.
89
VIN_OV_FAULT_
RESPONSEn
0x56
Response to input overvoltage
fault events.
0x80 (immediate off; no retry), read/write, paged, stored in user-editable
NVM.
99
VIN_UV_WARN_
LIMIT
0x58
Input undervoltage warning
threshold.
0xCA0C (4.094V)
Voltage as measured on the “SVIN” pin, read/write, non-paged, stored in
user-editable NVM.
89
IIN_OC_WARN_
LIMIT
0x5D
Input supply overcurrent warning
threshold.
0xDBC0 (30A), read/write, non-paged, stored in user-editable NVM.
93
TON_DELAYn
0x60
Time from RUNn and/or
OPERATIONn on to output rail
turn-on.
0x0000 (0ms), read/write, paged, stored in user-editable NVM.
97
TON_RISEn
0x61
Time from when the output
voltage reference starts to rise
until it reaches its commanded
setting.
0xC200 (2ms), read/write, paged, stored in user-editable NVM.
97
TON_MAX_FAULT_
LIMITn
0x62
Turn-on watchdog timeout fault
threshold (time permitted for
VOUTn to reach or exceed VOUT_
UV_FAULT_LIMITn after turn-on
command is received).
0xD280 (10ms), read/write, paged, stored in user-editable NVM.
97
TON_MAX_FAULT_
RESPONSEn
0x63
Action to be taken by the device
when a TON_MAX_FAULTn event
is detected.
0xB8 (non-latching shutdown; autonomous restart upon fault removal),
read/write, paged, stored in user-editable NVM.
102
TOFF_DELAYn
0x64
Time from RUN and/or Operation
off to the start of TOFF_FALLn
ramp.
0x0000 (0ms), read/write, paged, stored in user-editable NVM.
97
TOFF_FALLn
0x65
Time from when the output
voltage reference starts to fall until
it reaches 0V.
0xC280 (2.5ms), read/write, paged, stored in user-editable NVM.
98
TOFF_MAX_WARN_
LIMITn
0x66
Turn-off watchdog timeout fault
threshold (time permitted for
VOUTn to decay to or below 12.5%
of the commanded VOUTn value
at the time of receiving a turn-off
command).
0xF320 (200ms), read/write, paged, stored in user-editable NVM.
98
STATUS_BYTEn
0x78
One byte summary of the unit’s
fault condition.
Default value not applicable, read/write, paged, not stored in NVM.
111
STATUS_WORDn
0x79
Two byte summary of the unit’s
fault condition.
Default value not applicable, read/write, paged, not stored in NVM.
111
STATUS_VOUTn
0x7A
Output voltage fault and warning
status.
Default value not applicable, read/write, paged, not stored in NVM.
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com