Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 82 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 82 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 78Page - Analog Devices LTM4686BEVPBF Datasheet HTML 79Page - Analog Devices LTM4686BEVPBF Datasheet HTML 80Page - Analog Devices LTM4686BEVPBF Datasheet HTML 81Page - Analog Devices LTM4686BEVPBF Datasheet HTML 82Page - Analog Devices LTM4686BEVPBF Datasheet HTML 83Page - Analog Devices LTM4686BEVPBF Datasheet HTML 84Page - Analog Devices LTM4686BEVPBF Datasheet HTML 85Page - Analog Devices LTM4686BEVPBF Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
LTM4686B
82
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
ADDRESSING AND WRITE PROTECT
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PAGE
0x00 Channel (page) presently selected for any
paged command.
R/W Byte
N
Reg
0x00
PAGE_PLUS_WRITE
0x05 Write a command directly to a specified page. W Block
N
PAGE_PLUS_READ
0x06 Read a command directly from a specified
page.
Block R/W
Process
N
WRITE_PROTECT
0x10 Protect the device against unintended PMBus
modifications.
R/W Byte
N
Reg
Y
0x00
MFR_ADDRESS
0xE6 Specify right-justified 7-bit device address.
R/W Byte
N
Reg
Y
0x4F
MFR_RAIL_ADDRESS
0xFA Specify unique right-justified 7-bit address
for channels comprising a PolyPhase output.
R/W Byte
Y
Reg
Y
0x80
Related commands: MFR_COMMON.
PAGE
The PAGE command provides the ability to configure, control and monitor both PWM channels through only one
physical address, either the MFR_ADDRESS or GLOBAL device address. Each PAGE contains the operating memory
for one PWM channel.
Pages 0x00 and 0x01 correspond to channel 0 and channel 1, respectively, in this device.
Setting PAGE to 0xFF applies any following paged commands to both outputs. With PAGE set to 0xFF the LTM4686B
will respond to read commands as if PAGE were set to 0x00 (channel 0 results).
This command has one data byte.
PAGE_PLUS_WRITE
The PAGE_PLUS_WRITE command provides a way to set the page within a device, send a command and then send
the data for the command, all in one communication packet. Commands allowed by the present write protection level
may be sent with PAGE_PLUS_WRITE.
The value stored in the PAGE command is not affected by PAGE_PLUS_WRITE. If PAGE_PLUS_WRITE is used to send
a non-paged command, the Page Number byte is ignored.
This command uses Write Block protocol. An example of the PAGE_PLUS_WRITE command with PEC sending a com-
mand that has two data bytes is shown in Figure 56.
SLAVE
ADDRESS
PAGE_PLUS
COMMAND CODE
BLOCK COUNT
(= 4)
W A
A
S
7
8
8
1
PAGE
NUMBER
8
1
1 1
1
1
A
A
COMMAND
CODE
8
1
A
UPPER DATA
BYTE
A
A P
4686B F56
A
8
8
1
1 1
1
PEC BYTE
LOWER DATA
BYTE
8
Figure 56. Example of PAGE_PLUS_WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com