Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 96 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 96 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 92Page - Analog Devices LTM4686BEVPBF Datasheet HTML 93Page - Analog Devices LTM4686BEVPBF Datasheet HTML 94Page - Analog Devices LTM4686BEVPBF Datasheet HTML 95Page - Analog Devices LTM4686BEVPBF Datasheet HTML 96Page - Analog Devices LTM4686BEVPBF Datasheet HTML 97Page - Analog Devices LTM4686BEVPBF Datasheet HTML 98Page - Analog Devices LTM4686BEVPBF Datasheet HTML 99Page - Analog Devices LTM4686BEVPBF Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 130 page
background image
LTM4686B
96
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
OT_FAULT_LIMIT
The OT_FAULT_LIMIT command sets the value of the power stage temperature, in degrees Celsius, which causes an
overtemperature fault. The READ_TEMPERATURE_1 value will be used to determine if this limit has been exceeded.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has two data bytes and is formatted in Linear_5s_11s format.
OT_WARN_LIMIT
The OT_WARN_LIMIT command sets the value of the power stage temperature, in degrees Celsius, which causes an
overtemperature warning. The READ_TEMPERATURE_1 value will be used to determine if this limit has been exceeded.
In response to the OT_WARN_LIMIT being exceeded, the device:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Overtemperature Warning bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin, unless masked.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has two data bytes and is formatted in Linear_5s_11s format.
UT_FAULT_LIMIT
The UT_FAULT_LIMIT command sets the value of the power stage temperature, in degrees Celsius, which causes
an undertemperature fault. The READ_TEMPERATURE_1 value will be used to determine if this limit has been
exceeded.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has two data bytes and is formatted in Linear_5s_11s format.
TIMING
Timing: On Sequence/Ramp
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
TON_DELAY
0x60
Time from RUN and/or Operation on to output
rail turn-on.
R/W Word
Y
L11
ms
Y
0.0
0x0000
TON_RISE
0x61
Time from when the output starts to rise
until the output voltage reaches the VOUT
commanded value.
R/W Word
Y
L11
ms
Y
2.0
0xC200
TON_MAX_FAULT_LIMIT
0x62
Maximum time from the start of TON_RISE for
VOUT to cross the VOUT_UV_FAULT_LIMIT.
R/W Word
Y
L11
ms
Y
10
0xD280
VOUT_TRANSITION_RATE
0x27
Rate the output changes when VOUT
commanded to a new value.
R/W Word
Y
L11
V/ms
Y
0.025
0x8B33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com