Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 25 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 21Page - Analog Devices LTM4686BEVPBF Datasheet HTML 22Page - Analog Devices LTM4686BEVPBF Datasheet HTML 23Page - Analog Devices LTM4686BEVPBF Datasheet HTML 24Page - Analog Devices LTM4686BEVPBF Datasheet HTML 25Page - Analog Devices LTM4686BEVPBF Datasheet HTML 26Page - Analog Devices LTM4686BEVPBF Datasheet HTML 27Page - Analog Devices LTM4686BEVPBF Datasheet HTML 28Page - Analog Devices LTM4686BEVPBF Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 130 page
background image
LTM4686B
25
Rev. 0
For more information www.analog.com
OPERATION
n
Input overvoltage fault threshold and response (VIN_
OV_FAULT_LIMIT, VIN_OV_FAULT_RESPONSE),
based on the SVIN pin voltage.
n
Input undervoltage warning threshold (VIN_UV_
WARN_LIMIT) based on the SVIN pin voltage.
n
Module input overcurrent warning threshold
(IIN_OC_WARN_LIMIT).
The control IC within the LTM4686B module ceases
switching action if control IC temperature exceeds 160°C
(Note 12). The control IC resumes operation after a 10°C
cool-down hysteresis. Note that these typical parameters
are based on measurements in a lab oven and are not
production tested. This overtemperature protection is
intended to protect the device during momentary overload
conditions. The maximum rated junction temperature will
be exceeded when this protection is active. Continuous
operation above the specified absolute maximum operat-
ing junction temperature may impair device reliability or
permanently damage the device.
TIME-AVERAGED AND PEAK READBACK DATA
Time-averaged telemetry readback data accessible via I2C
communications follow:
n
Channel output current (READ_IOUTn) and peak
observed value of READ_IOUTn (MFR_IOUT_PEAKn).
n
Channel output voltage (READ_VOUTn) and peak
observed value of READ_VOUTn (MFR_VOUT_PEAKn).
n
Channel output power (READ_POUTn).
n
Channel input current (MFR_READ_IINn) and module
input current (READ_IIN).
n
Channel temperatures (READ_TEMPERATURE_1n) and
peak observed values of READ_TEMPERATURE_1n
(MFR_TEMPERATURE_1_PEAKn).
n
Control IC temperature (READ_TEMPERATURE_2) and
peak observed value (MFR_TEMPERATURE_2_PEAK).
n
Input voltage (READ_VIN), based on the voltage of
the SVIN pin, and peak observed value of READ_VIN
(MFR_VIN_PEAK).
n
Channel topside power MOSFET (MTn) duty cycle
(READ_DUTY_CYCLEn).
Digitized cyclical telemetry is available at a 10Hz update
rate, typical. Through the use of the MFR_ADC_CONTROL
command, some signals of interest can be digitized more
frequently—up to a 125Hz update rate, typical. Availability
of newly digitized telemetry data can be made known via
the MFR_ADC_TELEMETRY_STATUS command.
Peak observed values of telemetry readback data can
be cleared with the MFR_CLEAR_PEAKS I2C command,
provided the WRITE_PROTECT register value permits
it. (Executing MFR_CLEAR_PEAKS can be performed
regardless of the state of the WP pin.)
Details on the LTM4686B’s Fault Log Feature follow:
n
Fault logging is enabled when MFR_CONFIG_ALL[7] = 1b.
n
A fault log is present in NVM when STATUS_MFR_
SPECIFICn[3]Reports “1b”, which is propagated to the
MFR Bit (Bit 12) of the STATUS_WORD register.
n
Retrieving fault log data, if present, is performed with
the MFR_FAULT_LOG command. 147 bytes of data
are retrieved using the PMBus-defined variant to the
SMBus block read protocol.
n
The fault log contents in NVM, if present, are cleared
by executing the MFR_FAULT_LOG_CLEAR command.
n
The fault log will not be written if a fault log is already
present in NVM.
n
The LTM4686B can be forced to write a fault log to
its NVM by executing the MFR_FAULT_LOG_STORE
command; the LTM4686B will behave as if a channel
faulted off. Note the command is NACKed and a CML
fault is reported if a fault log is already present at the
time of executing MFR_FAULT_LOG_STORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com