Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 38Page - Analog Devices LTM4686BEVPBF Datasheet HTML 39Page - Analog Devices LTM4686BEVPBF Datasheet HTML 40Page - Analog Devices LTM4686BEVPBF Datasheet HTML 41Page - Analog Devices LTM4686BEVPBF Datasheet HTML 42Page - Analog Devices LTM4686BEVPBF Datasheet HTML 43Page - Analog Devices LTM4686BEVPBF Datasheet HTML 44Page - Analog Devices LTM4686BEVPBF Datasheet HTML 45Page - Analog Devices LTM4686BEVPBF Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 130 page
background image
LTM4686B
42
Rev. 0
For more information www.analog.com
Table 1. Summary of Supported Commands
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4686B NVM FACTORY-DEFAULT VALUE AND/OR ATTRIBUTES
PAGE
MFR_EE_UNLOCK
0xBD
Unlock user EEPROM for access
by MFR_EE_ERASE and MFR_EE_
DATA commands.
Default value not applicable, read/write, non-paged, not stored in NVM.
126
MFR_EE_ERASE
0xBE
Initialize user EEPROM for bulk
programming by MFR_EE_DATA.
Default value not applicable, read/write, non-paged, not stored in NVM.
126
MFR_EE_DATA
0xBF
Data transferred to and from
EEPROM using sequential PMBus
word reads or writes. Supports
bulk programming.
Default value not applicable, read/write, non-paged, not stored in NVM.
126
MFR_CHAN_
CONFIG_*n
0xD0
Channel-specific configuration
bits.
0x1D, read/write, paged, stored in user-editable NVM. Register is named
“MFR_CHAN_CONFIG” and referred to as “MFR_CHAN_CONFIG_
LTM468X” in LTpowerPlay.
84
MFR_CONFIG_ALL_*
0xD1
Global configuration bits, i.e.,
common to both VOUT channels
0 and 1.
0x09, read/write, non-paged, stored in user-editable NVM. Bit 4 configures
whether the SYNC drive circuit is active (0b) or inactive (1b); Bit 3
configures whether the Stuck PMBus Timer Timeout is 150ms for Block
Reads and 32ms for Non-Block Reads (0b) or 250ms for all
Reads (1b).
Register is named "MFR_CONFIG_ALL_LTM468X” in LTpowerPlay.
85
MFR_GPIO_
PROPAGATE_*n
0xD2
Configuration bits for propagating
faults to the GPIOn pins.
0x7993, read/write, paged, stored in user-editable NVM. Register is
named “MFR_GPIO_PROPAGATE” and referred to as “MFR_GPIO_
PROPAGATE_LTM468X” in LTpowerPlay.
106
MFR_PWM_
MODE_*n
0xD4
Configuration for the PWM engine
of each VOUT channel.
0xC3, read/write, paged, stored in user-editable NVM. Bit 1 commands
whether the output is in high range (0b) or low range (1b). Bit 0
commands whether the output is operating in Forced Continuous
Conduction Mode (1b) or Discontinuous Mode (0b).
Command is named MFR_PWM_MODE and referred to as MFR_PWM_
MODE_LTM468X in LTpowerPlay.
87
MFR_GPIO_
RESPONSEn
0xD5
Action to be taken by the device
when the GPIOn pin is asserted low
by circuitry external to the unit.
0x00 (none; ignore), read/write, paged, stored in user-editable NVM.
107
MFR_OT_FAULT_
RESPONSE
0xD6
Action to be taken by the device
when a control IC junction
overtemperature fault is detected.
0xC0 (make the respective output’s power stage high impedance, i.e.,
three-stated; autonomous restart upon fault removal), read-only, non-
paged, not stored in user-editable NVM.
104
MFR_IOUT_PEAKn
0xD7
Maximum measured value of
READ_IOUTn since the last
MFR_CLEAR_PEAKS.
Default value not applicable, read-only, paged, not stored in NVM.
119
MFR_ADC_CONTROL
0xD8
ADC telemetry parameter for
repeated fast ADC readback.
0x00, read/write, not paged, not stored in NVM. Allows telemetry
readback rates up to 125Hz instead of 10Hz, nominal.
119
MFR_ADC_
TELEMETRY_
STATUS
0xDA
ADC status during short-loop.
Default value not applicable, read/write, not paged, not stored in NVM.
ADC status indicating most recently digitized telemetry when engaged in
short round-robin loop (MFR_ADC_CONTROL = 0x0D)
120
MFR_RETRY_
DELAYn
0xDB
Retry interval during fault-retry
mode.
0xFABC (350ms), read/write, paged, stored in user-editable NVM.
99
MFR_RESTART_
DELAYn
0xDC
Minimum interval (nominal) the
RUNn pin is pulled logic low by
internal circuitry.
0xF320 (200ms), read/write, paged, stored in user-editable NVM.
98
MFR_VOUT_PEAKn
0xDD
Maximum measured value of
READ_VOUTn since the last
MFR_CLEAR_PEAKS.
Default value not applicable, read-only, paged, not stored in NVM.
118
MFR_VIN_PEAK
0xDE
Maximum measured value
of READ_VIN since the last
MFR_CLEAR_PEAKS.
Default value not applicable, read-only, non-paged, not stored in NVM.
118
PMBus COMMAND SUMMARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com