Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 62 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 62 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 58Page - Analog Devices LTM4686BEVPBF Datasheet HTML 59Page - Analog Devices LTM4686BEVPBF Datasheet HTML 60Page - Analog Devices LTM4686BEVPBF Datasheet HTML 61Page - Analog Devices LTM4686BEVPBF Datasheet HTML 62Page - Analog Devices LTM4686BEVPBF Datasheet HTML 63Page - Analog Devices LTM4686BEVPBF Datasheet HTML 64Page - Analog Devices LTM4686BEVPBF Datasheet HTML 65Page - Analog Devices LTM4686BEVPBF Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
LTM4686B
62
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
It is recommended that all command writes (write byte,
write word, etc.) be preceded with a polling loop to avoid
the extra complexity of dealing with busy behavior and
unwanted ALERT notification. A simple way to achieve this
is by creating SAFE_WRITE_BYTE() and SAFE_WRITE_
WORD() subroutines. The above polling mechanism
allows one’s software to remain clean and simple while
robustly communicating with the part. For a detailed dis-
cussion of these topics and other special cases please
refer to the Analog Devices Application Note section.
When communicating using bus speeds at or below
100kHz, the polling mechanism shown here provides a
simple solution that ensures robust communication with-
out clock stretching. At bus speeds in excess of 100kHz,
it is strongly recommended that the part be configured to
enable clock stretching. This requires a PMBus master that
supports clock stretching. System software that detects
and properly recovers from the standard PMBus NACK/
BUSY faults as described in the PMBus Specification v1.2,
Part II, Section 10.8.7 is required to communicate above
100kHz without clock stretching. Clock stretching will not
extend the PMBus speed beyond the specified 400kHz.
THERMAL CONSIDERATIONS AND
OUTPUT CURRENT DERATING
The thermal resistances reported in the Pin Configuration
section of this data sheet are consistent with those param-
eters defined by JESD51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients
is found in JESD51-12 (“Guidelines for Reporting and
Using Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment and a
test vehicle such as the demo board to predict the µModule
regulator’s thermal performance in their application at
various electrical and environmental operating conditions
to compliment any FEA activities. Without FEA software,
the thermal resistances reported in the Pin Configuration
section are, in and of themselves, not relevant to providing
guidance of thermal performance; instead, the derating
curves provided in this data sheet can be used in a man-
ner that yields insight and guidance pertaining to one’s
application-usage, and can be adapted to correlate thermal
performance to one’s own application.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD51-12; these coefficients
are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as “still
air” although natural convection causes the air to move.
This value is determined with the part mounted to a
JESD51-9 defined test board, which does not reflect
an actual application or viable operating condition.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the package. In the typical µModule regulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
may be useful for comparing packages but the test
conditions don’t generally match the user’s application.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule regulator are on the bottom of the
package, it is rare for an application to operate such
that most of the heat flows from the junction to the top
of the part. As in the case of θJCbottom, this value may
be useful for comparing packages but the test condi-
tions don’t generally match the user’s application.
4. θJB, the thermal resistance from junction to the printed
circuit board, is the junction-to-board thermal resis-
tance where almost all of the heat flows through the
bottom of the µModule regulator and into the board,
and is really the sum of the θJCbottom and the thermal
resistance of the bottom of the part through the solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com