Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 130 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 130 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 122Page - Analog Devices LTM4686BEVPBF Datasheet HTML 123Page - Analog Devices LTM4686BEVPBF Datasheet HTML 124Page - Analog Devices LTM4686BEVPBF Datasheet HTML 125Page - Analog Devices LTM4686BEVPBF Datasheet HTML 126Page - Analog Devices LTM4686BEVPBF Datasheet HTML 127Page - Analog Devices LTM4686BEVPBF Datasheet HTML 128Page - Analog Devices LTM4686BEVPBF Datasheet HTML 129Page - Analog Devices LTM4686BEVPBF Datasheet HTML 130Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 130 / 130 page
background image
LTM4686B
130
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
06/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
DESIGN RESOURCES
Figure 62. 14A, 1V and 14A, 1.8V Output DC/DC µModule Regulator with Serial Interface
VOUT1, 1.8V
ADJUSTABLE
UP TO 14A (17A PEAK)
CINH
22µF
×3
CINL
220µF
10k
×9
VIN
4.5V TO 5.75V
PWM CLOCK SYNCH.
TIME BASE SYNCH.
• SLAVE ADDRESS = 1001111_R/W (0X4F)
• SWITCHING FREQUENCY: 1MHz
• NO GUI CONFIGURATION AND
NO PART SPECIFIC PROGRAMMING REQUIRED
• IN MULTI-MODULE SYSTEMS, CONFIGURING
RAIL_ADDRESS IS RECOMMENDED
COUT0
100µF
×4
COUT1
100µF
×4
VOUT0, 1.0V
ADJUSTABLE
UP TO 14A (17A PEAK)
VIN0
VIN1
SVIN
VDD33
LOAD0
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
6.34k, 1%
±50ppm/°C
LTM4686B
4686B F62
+
SMBus INTERFACE WITH
PMBus COMMAND SET
ON/OFF CONTROL, FAULT
MANAGEMENT, POWER
SEQUENCING
LOAD1
VOUT0
TSNS0
VORB0+
VOSNS0+
VOSNS0–
VORB0–
VORB1
VOUT1
TSNS1a
TSNS1b
VOSNS1
SGND
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION
COMMENTS
LTM4686/
LTM4686-1
Ultrathin Dual 10A or Single 20A µModule Regulator with
Digital Power System Management
4.5V ≤ VIN ≤ 17V (LTM4686), 2.375V ≤ VIN ≤ 17V with 5V Bias
(LTM4686-1), 0.6V ≤ VOUT ≤ 3.6V, 11.9mm × 16mm × 1.82mm LGA
LTM4631
Ultrathin Dual 10A or Single 20A µModule Regulator
Non-PMBus
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 1.91mm LGA
LTM4673
Dual 12A and Dual 5A, Quad Output μModule Regulator with
Digital Power System Management
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 3.3V (12A Rails), 0.6V ≤ VOUT ≤ 5.5V
(5A Rails), 16mm × 16mm × 4.72mm BGA
LTM4675
Dual 9A or Single 18A Step-Down µModule Regulator with
Digital Power System Management
4.5V ≤ VIN ≤ 17V, 0.5V ≤ VOUT ≤ 5.5V, 11.9mm × 16mm × 3.51mm BGA
LTM4676A
Dual 13A or Single 26A Step-Down µModule Regulator with
Digital Power System Management
4.5V ≤ VIN ≤ 26.5V, 0.5V ≤ VOUT ≤ 5.5V, 16mm × 16mm × 5.01mm BGA
LTM4677
Dual 18A or Single 36A Step-Down µModule Regulator with
Digital Power System Management
4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com