Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 26 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 22Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 23Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 24Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 25Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 26Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 27Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 28Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 29Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
Table 8-2. Some Possible SYNC Configurations (continued)
NAME
SYNC_MODE
SYSREF_MUX
OTHER
DESCRIPTION
Re-clocked
SYSREF
distribution
0
0
SYSREF_DDLY_PD = 1
SYSREF_PLSR_PD = 1
SYSREF_PD = 1.
Fan-out of CLKin0 reclocked to the clock distribution
path.
(1)
SCLKX_Y_PD = 0 as required per SYSREF output. This applies to any SYNC or SYSREF output on SCLKX_Y when SCLKX_Y_MUX
= 1 (SYSREF output)
Note
The SYNC/SYSREF signal is reclocked by the Clock Distribution Path, therefore an active clock must
be present on the Clock Distribution Path (either from VCO or FIN0/FIN1 pins in distribution mode) for
SYNC to take effect.
Note
Any device clock divider or the SYSREF divider which does not have the SYNC_DISX bit or
SYNC_DISSYSREF bit set will reset while SYNC/SYSREF Distribution Path is high. This is especially
important for the SYSREF divider which has the ability to reset itself if the SYNC_DISSYSREF = 0! Be
sure to set SYNC_DISX/SYNC_DISSYSREF bits as required.
Note
While using Divide-by-2 or Divide-by-3 for DCLK_X_Y_DIV, SYNC procedure requires to first program
Divide-by-4 and then back to Divide-by-2 or Divide-by-3 before doing SYNC.
8.3.3 JEDEC JESD204B/C
8.3.3.1 How to Enable SYSREF
Table 8-3 summarizes the bits needed to make SYSREF functionality operational.
Table 8-3. SYSREF Bits
REGISTER
FIELD
VALUE
DESCRIPTION
0x140
SYSREF_PD
0
Must be clear, power-up SYSREF circuitry including the SYSREF divider.
0x140
SYSREF_DDLY
_PD
0
Must be clear to power-up digital delay circuitry. Must be powered up during initial SYNC
to ensure deterministic timing to other clock dividers.
0x143
SYNC_EN
1
Must be set, enable SYNC.
0x143
SYSREF_CLR
1 → 0
Do not hold local SYSREF DDLY block in reset except at start.
Anytime SYSREF_PD = 1 because of user programming or device RESET, it is necessary
to set SYSREF_CLR for 15 VCO clock cycles to clear the local SYSREF digital delay.
Once cleared, SYSREF_CLR must be cleared to allow SYSREF to operate.
Enabling JESD204B/C operation involves synchronizing all the clock dividers with the SYSREF divider, then
configuring the actual SYSREF functionality.
8.3.3.1.1 Setup of SYSREF Example
The following procedure is a programming example for a system which is to operate with a 3000-MHz VCO
frequency. Use CLKOUT0 and CLKOUT2 to drive converters at 1500 MHz. Use CLKOUT4 to drive an FPGA at
150 MHz. Synchronize the converters and FPGA using a two SYSREF pulses at 10 MHz.
1. Program registers 0x000 to 0x555 (refer to Recommended Programming Sequence). Key to prepare for
SYSREF operations:
a. Prepare for manual SYNC: SYNC_POL = 0, SYNC_MODE = 1, SYSREF_MUX = 0
b. Setup output dividers as per example: DCLK0_1_DIV and DCLK2_3_DIV = 2 for frequency of 1500
MHz. DCLK4_5_DIV = 20 for frequency of 150 MHz.
c. Setup output dividers as per example: SYSREF_DIV = 300 for 10-MHz SYSREF.
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com