Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 27 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 23Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 24Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 25Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 26Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 27Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 28Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 29Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 30Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
d. Setup SYSREF: SYSREF_PD = 0, SYSREF_DDLY_PD = 0, DCLK0_1_DDLY_PD = 0,
DCLK2_3_DDLY_PD = 0, DCLK4_5_DDLY_PD = 0, SYNC_EN = 1, SYSREF_PLSR_PD = 0,
SYSREF_PULSE_CNT = 1 (2 pulses). SCLK0_1_PD = 0, SCLK2_3_PD = 0, SCLK4_5_PD = 0.
e. Clear Local SYSREF DDLY: SYSREF_CLR = 1.
2. Establish deterministic phase relationships between SYSREF and Device Clock for JESD204B/C:
a. Set device clock and SYSREF divider digital delays: DCLK0_1_DDLY, DCLK2_3_DDLY,
DCLK4_5_DDLY, and SYSREF_DDLY.
b. Set device clock digital delay half steps: DCLK0_1_HS, DCLK2_3_HS, DCLK4_5_HS.
c. Set SYSREF clock digital delay as required to achieve known phase relationships: SCLK0_1_DDLY,
SCLK2_3_DDLY, and SCLK4_5_DDLY. If half step adjustments are required SCLK0_1_HS,
SCLK2_3_HS, and SCLK4_5_HS.
d. To allow SYNC to affect dividers: SYNC_DIS0 = 0, SYNC_DIS2 = 0, SYNC_DIS4 = 0,
SYNC_DISSYSREF = 0.
e. Perform SYNC by toggling SYNC_POL = 1 then SYNC_POL = 0.
3. Now that dividers are synchronized, disable SYNC from resetting these dividers. It is not desired for
SYSREF to reset it's own divider or the dividers of the output clocks.
a. Prevent SYNC (SYSREF) from affecting dividers: SYNC_DIS0 = 1, SYNC_DIS2 = 1, SYNC_DIS4 = 1,
SYNC_DISSYSREF = 1.
4. Release reset of local SYSREF digital delay.
a. SYSREF_CLR = 0. Note this bit needs to be set for only 15 clock distribution path clocks after
SYSREF_PD = 0.
5. Set SYSREF operation.
a. Allow pin SYNC event to start pulser: SYNC_MODE = 2.
b. Select pulser as SYSREF signal: SYSREF_MUX = 2.
6. Complete! Assert the SYNC pin or toggle the SYNC_POL to send a series of 2 SYSREF pulses.
8.3.3.1.2 SYSREF_CLR
The local digital delay of the SCLKX_Y_DDLY is implemented as a shift buffer. To ensure no unwanted
pulses occur at this SYSREF output at start-up, when using SYSREF, requires clearing the buffers by setting
SYSREF_CLR = 1 for 15 VCO clock cycles. After a reset, this bit is set, so it must be cleared before SYSREF
output is used.
If the SYSREF pulser is used. It is also required to set SYSREF_CLR = 1 for 15 VCO clock cycles after the
SYSREF pulser is powered up.
8.3.3.2 SYSREF Modes
8.3.3.2.1 SYSREF Pulser
This mode allows for the output of 1, 2, 4, or 8 SYSREF pulses for every SYNC pin event or SPI programming.
This implements the gapped periodic functionality of the JEDEC JESD204B/C specification.
When in SYSREF Pulser mode, the user can adjust the SYSREF_PULSE_CNT field in register 0x13E to
program the pulser to send out a set number of pulses.
8.3.3.2.2 Continuous SYSREF
This mode allows for continuous output of the SYSREF clock.
Note
TI does not recommend continuous operation of the SYSREF clock due to crosstalk from the SYSREF
clock to device clock. JESD204B/C is designed to operate with a single burst of pulses to initialize the
system at start-up, after which it is theoretically not required to send another SYSREF because the
system will continue to operate with deterministic phases.
8.3.3.2.3 SYSREF Request
This mode allows an external source to synchronously turn on or off a continuous stream of SYSREF pulses
using the SYNC/SYSREF_REQ pin.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com