Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 31 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 27Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 28Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 29Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 30Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 31Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 32Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 33Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 34Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
Table 8-4. DCLK_DIV_ADJUST (continued)
DCLKX_Y_DIV
DCLK_DIV_ADJUST
5
3
4
0
3 (1)
–2
2 (1)
–2
(1)
Refer to the SYNC requirement SYNC/SYSREF
Table 8-5. DCLK_HS_ADJUST
DCLK & HS
DCLK_HS_ADJUST
0
0
1
1
For example: DCLKX_Y_DIV = 32, DCLKX_Y_DDLY = 10, DCC&HS = 1;
SYSREF_DDLY=10 – 1 + 0 + 1 – 2 = 8
8.3.6 Input Clock Switching
Manual, pin select, and automatic are three different kinds clock input switching modes can be selected
according to the combination of bits as illustrated in Figure 8-7.
CLKin_SEL_
AUTO_EN
CLKin_SEL_
PIN_EN
No
No
CLKin_SEL_
PIN_POL
Yes
Active CLKin is set by
CLKin_SEL_MANUAL
No
Active CLKin is set by
CLKin_SEL# and Status_LD1
pins, inverted.
Yes
Active CLKin is set Auto
Mode State Machine
Yes
Active CLKin is set by
CLKin_SEL# and Status_LD1
pins.
Input Clock Select
It is required for CLKin1
to be selected for
distribution mode.
Recommend using
CLKin_SEL_MANUAL
Figure 8-7. CLKINx Input Reference
The following sections provide information about how the active input clock is selected and what causes a
switching event in the various clock input selection modes.
8.3.6.1 Input Clock Switching - Manual Mode
When CLKin_SEL_AUTO_EN = 0 and CLKin_SEL_PIN_EN = 0, the active CLKin is selected by
CLKin_SEL_MANUAL. Programming a value of 0, 1, or 2 to CLKin_SEL_MANUAL causes CLKin0, CLKin1,
or CLKin2, respectively, to be the selected active input clock. In this mode, the EN_CLKinX bits are overridden
such that the CLKinX buffer operates even if CLKinX is disabled with EN_CLKinX = 0.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com