Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 28 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 24Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 25Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 26Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 27Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 28Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 29Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 30Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 31Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
Setup the mode by programming SYSREF_REQ_EN = 1 and SYSREF_MUX = 2 (Pulser). The pulser does not
need to be powered for this mode of operation.
When the SYSREF_REQ pin is asserted, the SYSREF_MUX is synchronously set to continuous mode,
providing continuous pulses at the SYSREF frequency until the SYSREF_REQ pin is unasserted. When the
SYSREF_REQ pin is unasserted, the final SYSREF pulse completes sending synchronously.
8.3.4 Digital Delay
Digital (coarse) delay allows a group of outputs to be delayed by 8 to 1023 clock distribution path cycles. The
delay step can be as small as half the period of the clock distribution path cycle by using the DCLKX_Y_HS bit.
There are two different ways to use the digital delay:
1. Fixed digital delay
2. Dynamic digital delay
In both delay modes, the regular clock divider is substituted with an alternative divide value.
8.3.4.1 Fixed Digital Delay
Fixed digital delay value takes effect on the clock outputs after a SYNC event. As such, the outputs will be LOW
for a while during the SYNC event. Applications that cannot accept clock breakup when adjusting digital delay
during application run time should use dynamic digital delay to adjust phase.
8.3.4.1.1 Fixed Digital Delay Example
Assuming the device already has the following initial configurations, and the application should delay CLKOUT2
by one VCO cycle compared to CLKOUT0.
• VCO frequency = 2949.12 MHz
• CLKOUT0 = 368.64 MHz (DCLK0_1_DIV = 8, CLKOUT0_SRC_MUX = 0 (Device Clock))
• CLKOUT2 = 368.64 MHz (DCLK2_3_DIV = 8, CLKOUT2_SRC_MUX = 0 (Device Clock))
The following steps should be followed
1. Set DCLK0_1_DDLY = 8 and DCLK2_3_DDLY = 9. Static delay for each clock.
2. Set DCLK0_1_DDLY_PD = 0 and DCLK2_3_DDLY_PD = 0. Power up the digital delay circuit.
3. Set SYNC_DIS0 = 0 and SYNC_DIS2 = 0. Allow the outputs to be synchronized.
4. Perform SYNC by asserting, then unasserting SYNC. The can be done by either using the SYNC_POL bit or
the SYNC pin.
5. Now that the SYNC is complete, you can power down DCLK0_1_DDLY_PD = 1 and/or DCLK2_3_DDLY_PD
= 1 to save power.
6. Set SYNC_DIS0 = 1 and SYNC_DIS2 = 1. Prevent the output from being synchronized, as this is very
important for steady-state operation when using JESD204B/C.
CLKout0
368.64 MHz
CLKout2
368.64 MHz
No CLKout during SYNC
SYNC event
1 VCO cycle delay
Figure 8-4. Fixed Digital Delay Example
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com