Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 54 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 54 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 50Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 51Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 52Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 53Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 54Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 55Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 56Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 57Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
8.6.2.3.3 SYSREF_DIV
These registers set the value of the SYSREF output divider.
Table 8-30. SYSREF_DIV[12:0]
MSB
LSB
0x13A[4:0] = SYSREF_DIV[12:8]
0x13B[7:0] = SYSREF_DIV[7:0]
Table 8-31. Registers 0x13A and 0x13B
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x13A
7:5
NA
0
Reserved
0x13A
4:0
SYSREF_DIV[12:8]
12
Divide value for the SYSREF outputs.
Field Value
Divide Value
0 to 7 (0x00 to 0x07)
Reserved
8 (0x08)
8
0x13B
7:0
SYSREF_DIV[7:0]
0
9 (0x09)
9
...
...
8190 (0x1FFE)
8190
8191 (0X1FFF)
8191
8.6.2.3.4 SYSREF_DDLY
These registers set the delay of the SYSREF digital delay value.
Table 8-32. SYSREF Digital Delay Register Configuration, SYSREF_DDLY[12:0]
MSB
LSB
0x13C[4:0] / SYSREF_DDLY[12:8]
0x13D[7:0] / SYSREF_DDLY[7:0]
Table 8-33. Registers 0X13C and 0X13D
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x13C
7:5
NA
0
Reserved
0x13C
4:0
SYSREF_DDLY[12:8]
0
Sets the value of the SYSREF digital delay.
Field Value
Delay Value
0x00 to 0x07
Reserved
8 (0x08)
8
0x13D
7:0
SYSREF_DDLY[7:0]
8
9 (0x09)
9
...
...
8190 (0x1FFE)
8190
8191 (0X1FFF)
8191
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
54
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com