Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 13 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 10Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 11Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 12Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 13Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 14Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 15Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 16Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
6.8 Typical Characteristics
Jitter from 100 Hz to 100 MHz = 63.6 fs rms.
Output is CLKOUT4 as CML 32 mA with 68-nH to 20-Ω DC
bias.
Other settings are CLKout4_5_IDL = 1
and CLKout4_5_BYP = 1.
PLL2 Loop Filter R2 = 470 Ω, C2 = 150 nF,
Charge Pump = 3200 µA.
Reference is R&S SMA100B Signal Generator with option
SMAB - B711 through Prodyn BIB-100G Balun to OSCin.
Figure 6-2. PLL2 With VCO1 Performance at
2500 MHz With 312.5-MHz OSCin/Phase Detector
Frequency
Jitter from 100 Hz to 100 MHz = 67 fs rms.
Output is CLKOUT4 as CML 32 mA with 68-nH to 20-Ω DC
bias.
Other settings are CLKout4_5_IDL = 1
and CLKout4_5_BYP = 1.
PLL2 Loop Filter R2 = 470 Ω, C2 = 150 nF,
Charge Pump = 3200 µA.
Reference is R&S SMA100B Signal Generator with option
SMAB - B711 through Prodyn BIB-100G Balun to OSCin.
Figure 6-3. PLL2 With VCO1 Performance at
3200 MHz With 320-MHz OSCin/Phase Detector
Frequency
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com