Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 74 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 74 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 75Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 76Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 77Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
8.6.2.7.8 PLL1_LD_MUX, PLL1_LD_TYPE
This register configures the PLL1 LD pin.
Table 8-67. Register 0x15F
BIT
NAME
POR DEFAULT
DESCRIPTION
7:3
PLL1_LD_MUX
1
This sets the output value of the Status_LD1 pin.
Field Value
MUX Value
0 (0x00)
Logic Low
1 (0x01)
PLL1 DLD
2 (0x02)
PLL2 DLD
3 (0x03)
PLL1 & PLL2 DLD
4 (0x04)
Holdover Status
5 (0x05)
DAC Locked
6 (0x06)
Reserved
7 (0x07)
SPI Readback
8 (0x08)
DAC Rail
9 (0x09)
DAC Low
10 (0x0A)
DAC High
11 (0x0B)
PLL1_N
12 (0x0C)
PLL1_N/2
13 (0x0D)
PLL2_N
14 (0x0E)
PLL2_N/2
15 (0x0F)
PLL1_R
16 (0x10)
PLL1_R/2
17 (0x11)
PLL2_R(1)
18 (0x12)
PLL2_R/2(1)
2:0
PLL1_LD_TYPE
6
Sets the IO type of the Status_LD1 pin.
Field Value
TYPE
0 (0x00)
Input for External CLKin2 LOS
1 (0x01)
Input for External CLKin2 LOS (pullup)
2 (0x02)
Input for External CLKin2 LOS
(pulldown)
3 (0x03)
Output (push-pull)
4 (0x04)
Output inverted (push-pull)
5 (0x05)
Reserved
6 (0x06)
Output (open-drain)
(1)
Only valid when PLL2_LD_MUX is not set to 2 (PLL2_DLD) or 3 (PLL1 & PLL2 DLD).
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
74
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com