Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 53 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 53 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 49Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 50Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 51Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 52Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 53Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 54Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 55Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 56Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 103 page
background image
8.6.2.3.2 SYSREF_REQ_EN, SYNC_BYPASS, SYSREF_MUX
This register sets the source for the SYSREF outputs. Refer to Figure 8-3 and SYNC/SYSREF.
Table 8-29. Register 0x139
BIT
NAME
POR DEFAULT
DESCRIPTION
7:6
NA
0
Reserved
5
NA
0
Reserved
4
SYSREF_REQ_EN
0
Enables the SYNC/SYSREF_REQ pin to force the SYSREF_MUX = 3
for continuous pulses. When using this feature enable pulser and set
SYSREF_MUX = 2 (Pulser).
3
SYNC_BYPASS
0
Bypass SYNC polarity invert and other circuitry.
0: Normal
1: SYNC signal is bypassed
2
NA
0
Reserved
1:0
SYSREF_MUX
0
Selects the SYSREF source.
Field Value
SYSREF Source
0 (0x00)
Normal SYNC
1 (0x01)
Re-clocked
2 (0x02)
SYSREF Pulser
3 (0x03)
SYSREF Continuous
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com