Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 85 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 85 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 81Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 82Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 83Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 84Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 85Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 86Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 87Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 88Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
The effect of the lock count value is that it shortens the effective lock window size by dividing the window size by
lock count.
If at any time the PLLX_R reference and PLLX_N feedback signals are outside the time window set by window
size, then the lock count value is reset to 0.
9.1.2.1 Minimum Lock Time Calculation Example
To calculate the minimum PLL2 digital lock time given a PLL2 phase detector frequency of 40 MHz and
PLL2_DLD_CNT = 10,000. Then, the minimum lock time of PLL2 will be 10,000 / 40 MHz = 250 µs.
9.1.3 Driving CLKIN AND OSCIN Inputs
9.1.3.1 Driving CLKIN and OSCIN PINS With a Differential Source
CLKin and OSCin pins can be driven by differential signals. TI recommends setting the input mode to bipolar
(CLKinX_BUF_TYPE = 0) when using differential reference clocks. The device internally biases the input pins so
the differential interface should be AC-coupled. The recommended circuits for driving the CLKin pins with either
LVDS or LVPECL are shown in Figure 9-1 and Figure 9-2.
LVDS
Output
Input
100
Trace
(Di eren al)
0.1 µF
0.1 µF
CLKINx_P
CLKINx_N
Figure 9-1. CLKINx_P/CLKINx_N or OSCIN Termination for an LVDS Reference Clock Source
LVPECL
Output
Input
100
Trace
(Di eren al)
0.1 µF
0.1 µF
CLKINx_P
CLKINx_N
Figure 9-2. CLKINx_P/CLKINx_N or OSCIN Termination for an LVPECL Reference Clock Source
Finally, a reference clock source that produces a differential sine wave output can drive the CLKIN pins using
the following circuit. Note: the signal level must conform to the requirements for the CLKIN pins listed in the
Electrical Characteristics table.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com