Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 95 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 95 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 91Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 92Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 93Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 94Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 95Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 96Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 97Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 98Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
(11.4)
(11.4)
60X (0.5)
64X (1.5)
64X (0.3)
(
8) NOTE 7
(
4.44)
(
) TYP
VIA
0.2
(0.5)
TYP
(1)
TYP
(0.5) TYP
(1) TYP
PowerPAD
- 1.2 mm max height
PAP0064M
PLASTIC QUAD FLATPACK
4221602/A 07/2014
TM
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
7. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slm002) and SLMA004 (www.ti.com/lit/slma004).
8. Size of metal pad may vary due to creepage requirement.
LAND PATTERN EXAMPLE
SCALE:6X
SYMM
SYMM
64
49
17
32
33
48
1
16
SOLDER MASK
DEFINED PAD
SOLDER MASK
OPENING
SEE DETAIL
METAL COVERED
BY SOLDER MASK
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com