Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 67 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 67 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 63Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 64Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 65Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 66Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 67Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 68Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
8.6.2.6.4 DAC_CLK_MULT, DAC_TRIP_HIGH
This register contains the multiplier for the DAC clock counter and the low value at which holdover mode is
entered.
Table 8-50. Register 0x14E
BIT
NAME
POR DEFAULT
DESCRIPTION
7:6
DAC_CLK_MULT
0
This is the multiplier for the DAC_CLK_CNTR which sets the rate at which the
DAC value is tracked.
Field Value
DAC Multiplier Value
0 (0x00)
4
1 (0x01)
64
2 (0x02)
1024
3 (0x03)
16384
5:0
DAC_TRIP_HIGH
0
Voltage from Vcc at which holdover is entered if HOLDOVER_VTUNE_DET is
enabled.
Field Value
DAC Trip Value
0 (0x00)
1 x Vcc / 64
1 (0x01)
2 x Vcc / 64
2 (0x02)
3 x Vcc / 64
3 (0x03)
4 x Vcc / 64
...
...
61 (0x17)
62 x Vcc / 64
62 (0x18)
63 x Vcc / 64
63 (0x19)
64 x Vcc / 64
8.6.2.6.5 DAC_CLK_CNTR
This register contains the value of the DAC when in tracked mode.
Table 8-51. Register 0x14F
BIT
NAME
POR DEFAULT
DESCRIPTION
7:0
DAC_CLK_CNTR
127
This with DAC_CLK_MULT set the rate at which the DAC is updated. The
update rate is = DAC_CLK_MULT * DAC_CLK_CNTR / PLL1 PDF
Field Value
DAC Value
0 (0x00)
0
1 (0x01)
1
2 (0x02)
2
3 (0x03)
3
...
...
253 (0xFD)
253
254 (0xFE)
254
255 (0xFF)
255
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com