Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 65 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 65 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 61Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 62Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 63Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 64Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 65Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 66Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 67Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 68Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
8.6.2.6 (0x14B - 0x152) Holdover
8.6.2.6.1 LOS_TIMEOUT, LOS_EN, TRACK_EN, HOLDOVER_FORCE, MAN_DAC_EN, MAN_DAC[9:8]
This register contains the holdover functions.
Table 8-47. Register 0x14B
BIT
NAME
POR DEFAULT
DESCRIPTION
7:6
LOS_TIMEOUT
0
This controls the amount of time in which no activity on a CLKin forces a clock
switch event.
Field Value
Timeout
0 (0x00)
5 MHz typical
1 (0x01)
25 MHz typical
2 (0x02)
100 MHz typical
3 (0x03)
200 MHz typical
5
LOS_EN
0
Enables the LOS (Loss-of-Signal) timeout control. Valid for MOS clock inputs.
0: Disabled
1: Enabled
4
TRACK_EN
0
Enable the DAC to track the PLL1 tuning voltage, optionally for use in holdover
mode. After device reset, tracking starts at DAC code = 512.
Tracking can be used to monitor PLL1 voltage in any mode.
0: Disabled
1: Enabled, will only track when PLL1 is locked.
3
HOLDOVER
_FORCE
0
This bit forces holdover mode. When holdover mode is forced, if
MAN_DAC_EN = 1, then the DAC will set the programmed MAN_DAC value.
Otherwise, the tracked DAC value will set the DAC voltage.
0: Disabled
1: Enabled.
2
MAN_DAC_EN
1
This bit enables the manual DAC mode.
0: Automatic
1: Manual
1:0
MAN_DAC[9:8]
2
See MAN_DAC for more information on the MAN_DAC settings.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com