Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 51 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 51 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 47Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 48Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 49Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 50Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 51Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 52Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 53Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 54Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
Table 8-27. Registers 0x10F (CLKout2_3), 0x117 (CLKout4_5), 0x127 (CLKout8_9), 0x137 (CLKout12_13)
BIT
NAME
POR DEFAULT
DESCRIPTION
7:4
CLKoutY_FMT
0
Set CLKoutY clock format
Field Value
Output Format
0 (0x00)
Powerdown
1 (0x01)
LVDS
2 (0x02)
HSDS 6 mA
3 (0x03)
HSDS 8 mA
4 (0x04)
LVPECL 1600 mV
5 (0x05)
LVPECL 2000 mV
6 (0x06)
LCPECL
7 (0x07)
CML 16 mA
8 (0x08)
CML 24 mA
9 (0x09)
CML 32 mA
10 (0x0A)
CMOS (Off/Norm)
11 (0x0B)
CMOS (Inv/Off)
12 (0x0C)
CMOS (Norm/Norm)
13 (0x0D)
CMOS (Norm/Inv)
14 (0x0E)
CMOS (Inv/Norm)
15 (0x0F)
CMOS (Inv/Inv)
3:0
CLKoutX_FMT
0
Set CLKoutX clock format
Field Value
Output Format
DCLKX_BYP = 0
Output Format
DCLKX_BYP = 1
0 (0x00)
Powerdown
Reserved
1 (0x01)
LVDS
Reserved
2 (0x02)
HSDS 6 mA
Reserved
3 (0x03)
HSDS 8 mA
Reserved
4 (0x04)
LVPECL 1600 mV
Reserved
5 (0x05)
LVPECL 2000 mV
Reserved
6 (0x06)
LCPECL
Reserved
7 (0x07)
Reserved
CML 16 mA
8 (0x08)
Reserved
CML 24 mA
9 (0x09)
Reserved
CML 32 mA
10 (0x0A)
CMOS (Off/Norm)(1)
Reserved
11 (0x0B)
CMOS (Inv/Off)(1)
Reserved
12 (0x0C)
CMOS (Norm/Norm)(1)
Reserved
13 (0x0D)
CMOS (Norm/Inv)(1)
Reserved
14 (0x0E)
CMOS (Inv/Norm)(1)
Reserved
15 (0x0F)
CMOS (Inv/Inv)(1)
Reserved
(1)
Only valid for CLKout8.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com