Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 29 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 25Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 26Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 27Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 28Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 29Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 30Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 31Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 32Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
8.3.4.2 Dynamic Digital Delay
Dynamic digital delay allows the phase of clocks to be changed with respect to each other with little impact to the
clock signal.
For the device clock dividers this is accomplished by substituting the regular clock divider with an alternate divide
value of one larger than the regular divider for one cycle. This substitution will occur a number of times equal to
the value programmed into the DDLYd_STEP_CNT field for all outputs with DDLYdX_EN = 1.
For the SYSREF divider, an alternate divide value is substituted for the regular divide value. This substitution will
occur a number of times equal to the value programmed into the DDLYd_STEP_CNT if DDLYd_SYSREF_EN
= 1. To achieve one cycle delay as is done for the device clock dividers, set the SYSREF_DDLY value to one
greater than SYSREF_DIV+SYSREF_DIV/2. For example, for a SYSREF divider of 100, to achieve 1 cycle
delay, SYSREF_DIV = 100 + 50 + 1 = 151.
While using the Dynamic Digital Delay feature, CLKin_OVERRIDE must be set to 0.
• By programming a larger alternate divider (delay) value, the phase of the adjusted outputs are delayed with
respect to the other clocks.
• By programming a smaller alternate divider (delay) value, the phase of the adjusted outputs are advanced
with respect to the other clocks.
8.3.4.3 Single and Multiple Dynamic Digital Delay Example
In this example, two separate adjustments are made to the device clocks. In the first adjustment, a single delay
of one VCO cycle occurs between CLKOUT2 and CLKOUT0. In the second adjustment, two delays of one VCO
cycle occur between CLKOUT2 and CLKOUT0. At this point in the example, CLKOUT2 is delayed three VCO
cycles behind CLKOUT0.
Assuming the device already has the following initial configurations:
• VCO frequency: 2949.12 MHz
• CLKOUT0 = 368.64 MHz, DCLK0_1_DIV = 8
• CLKOUT2 = 368.64 MHz, DCLK2_3_DIV = 8
The following steps illustrate the example above:
1. Set DCLK2_3_DDLY = 4. First part of delay for CLKOUT2.
2. Set DCLK2_3_DDLY_PD = 0. Enable the digital delay for CLKOUT2.
3. Set DDLYd0_EN = 0 and DDLYd2_EN = 1. Enable dynamic digital delay for CLKOUT2 but not CLKOUT0.
4. Set DDLYd_STEP_CNT = 1. This begins the first adjustment.
Before step 4, CLKOUT2 clock edge is aligned with CLKOUT0.
After step 4, CLKOUT2 counts nine clock distribution path cycles to the next rising edge, one greater than the
divider value, effectively delaying CLKOUT2 by one VCO cycle with respect to CLKOUT0. This is the first
adjustment.
5. Set DDLYd_STEP_CNT = 2. This begins the second adjustment.
Before step 5, CLKOUT2 clock edge was delayed one clock distribution path cycle from DCLKOUT0.
After step 5, CLKOUT2 counts nine clock distribution path cycles twice, each time one greater than the divide
value, effectively delaying CLKOUT2 by two clock distribution path cycles with respect to CLKOUT0. This is the
second adjustment.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com