Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 11 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 10Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 11Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 12Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 13Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 14Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
VDD, VDD_A = 3.3 V ± 5 %, –55°C ≤TA ≤ 125°C. Typical values are at VDD = VDD_A = 3.3 V, 25°C (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD
Output Voltage
50 Ω pull up to Vcc,
DC Measurement
CML 16 mA
840
mV
CML 24 mA
1260
CML 32 mA
1660
50 Ω pull up to Vcc,
DC Measurement, RL
= AC coupled 100 Ω,
250 MHz
CML 16 mA
550
mV
CML 24 mA
815
CML 32 mA
1070
Digital Outputs (CLKin_SELX,STATUS_LDX, and RESET/GPO,SDIO)
VOH
Output High Voltage
Vcc–0.4
V
VOL
Output Low Voltage
0.4
V
Digital Inputs
VIH
High-level input voltage
1.2
V
VIL
Low-level input voltage
0.5
V
IIH
High-level input current
RESET/GPO,SYNC,SCK,SDIO, CS#
10
80
uA
SYNC
VIH = VCC
25
IIL
Low-level input current
CLKINX_SEL,RESET/GPO,SYNC,SCK,SDIO,
CS#
–5
5
uA
IIL
Low-level input current
SYNC
VIL = 0 V
–5
5
(1)
Use the TICS Pro tool to calculate Icc for a specific configuration
(2)
Device will function with slew rate as low as 0.15 V/ns, however a slew rate of 0.5 V/ns or higher is recommended to get the best
phase noise performance.
(3)
See Differential Voltage Measurement Terminology for definition of VID and VOD voltages.
(4)
A specification in modeling PLL in-band phase noise is the 1/f flicker noise, LPLL_flicker(f), which is dominant close to the carrier.
Flicker noise has a 10 dB/decade slope. PN10 kHz is normalized to a 10 kHz offset and a 1 GHz carrier frequency. PN10 kHz =
LPLL_flicker(10 kHz) - 20 log(Fout / 1 GHz), where LPLL_flicker(f) is the single side band phase noise of only the flicker noise's
contribution to total noise, L(f). To measure LPLL_flicker(f) it is important to be on the 10 dB/decade slope close to the carrier. A high
compare frequency and a clean crystal are important to isolating this noise source from the total phase noise, L(f). LPLL_flicker(f)
can be masked by the reference oscillator performance if a low-power or noisy source is used. The total PLL in-band phase noise
performance is the sum of LPLL_flicker(f) and LPLL_flat(f)
(5)
A specification modeling PLL in-band phase noise. The normalized phase noise contribution of the PLL, LPLL_flat(f), is defined as:
PN1 HZ = LPLL_flat(f) - 20 log(N) - 10 log(fPDX). LPLL_flat(f) is the single side band phase noise measured at an offset frequency, f,
in a 1 Hz bandwidth and fPDX is the phase detector frequency of the synthesizer. LPLL_flat(f) contributes to the total noise, L(f).
(6)
This parameter is programmable to more states than are shown in the electrical specifications
(7)
Maximum Allowable Temperature Drift for Continuous Lock is how far the temperature can drift in either direction from the value it was
at the time that the 0x168 register was last programmed with PLL2_FCAL_DIS = 0, and still have the part stay in lock. The action
of programming the 0x168 register, even to the same value, activates a frequency calibration routine. This implies the part will work
over the entire frequency range, but if the temperature drifts more than the maximum allowable drift for continuous lock, then it will be
necessary to reload the appropriate register to ensure it stays in lock. This parameter is indirectly tested.
6.6 Timing Requirements
VDD, VDD_A = 3.3 V ± 5 %, –55°C ≤TA ≤ 125°C. Typical values are at VDD = VDD_A = 3.3 V, 25°C (unless otherwise
noted)
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
Timing Requirements
tdS
Setup time for SDI edge to SCK rising edge
40
ns
tdH
Hold time for SDI edge to SCK rising edge
20
ns
tSCK
Period of SCK
400
ns
tHIGH
High width of SCK
120
ns
tLOW
Low width of SCK
120
ns
tCS
Setup time for CS# falling edge to SCK rising edge
40
ns
tCH
Hold time for CS# rising edge from SCK rising edge
40
ns
tDV
SCK falling edge to valid read back data
120
ns
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com