Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 47 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 47 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 43Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 44Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 45Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 46Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 47Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 48Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 49Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 50Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
8.6.2.2.4 CLKoutX_SRC_MUX, CLKoutX_Y_PD, DCLKX_Y_BYP, DCLKX_Y_DCC, DCLKX_Y_POL, DCLKX_Y_HS
These registers control the analog delay properties for the device clocks.
Table 8-22. Registers 0x103, 0x10B, 0x113, 0x11B, 0x123, 0x12B, 0x133
BIT
NAME
POR DEFAULT
DESCRIPTION
7
NA
0
Reserved
6
NA
1
Reserved
5
CLKoutX_SRC_MUX
0
Select CLKoutX clock source. Source must also be powered up.
0: Device Clock
1: SYSREF
4
CLKoutX_Y_PD
0
Power down the clock group defined by X and Y.
0: Enabled
1: Power down enter clock group X_Y.
3
DCLKX_BYP
0
Enable high performance bypass path for even clock outputs.
0: CLKoutX not in high performance bypass mode. CML is not valid for
CLKoutX_FMT.
1: CLKoutX in high performance bypass mode. Only CML clock format is valid.
2
DCLKX_Y_DCC
0
Duty cycle correction for device clock divider. Required for half step.
0: No duty cycle correction.
1: Duty cycle correction enabled.
1
DCLKX_Y_POL
0
Invert polarity of device clock output. This also applies to CLKoutX in high
performance bypass mode. Polarity invert is a method to get a half-step phase
adjustment in high performance bypass mode or /1 divide value.
0: Normal polarity
1: Invert polarity
0
DCLKX_Y_HS
0
Sets the device clock half step value. Must be set to zero (0) for a divide of 1.
No effect if DCLKX_Y_DCC = 0.
0: No phase adjustment
1: Adjust device clock phase –0.5 clock distribution path cycles.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com