Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 68 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 68 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 64Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 65Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 66Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 67Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 68Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
8.6.2.6.6 CLKin_OVERRIDE, HOLDOVER_EXIT_MODE, HOLDOVER_PLL1_DET, LOS_EXTERNAL_INPUT,
HOLDOVER_VTUNE_DET, CLKin_SWITCH_CP_TRI, HOLDOVER_EN
This register has controls for enabling clock in switch events.
Table 8-52. Register 0x150
BIT
NAME
POR DEFAULT
DESCRIPTION
7
NA
0
Reserved
6
CLKin
_OVERRIDE
0
When manual clock select is enabled, then CLKin_SEL_MANUAL = 0/1/2
selects a manual clock input. CLKin_OVERRIDE = 1 will force that clock
input. CLKin_OVERRIDE = 1 is used with clock distribution mode for best
performance.
0: Normal, no override.
1: Force select of only CLKin0/1/2 as specified by CLKin_SEL_MANUAL in
manual mode. Dynamic digital delay will not operate.
5
HOLDOVER_
EXIT_MODE
0
0: Exit based on LOS status. If clock is active by LOS, then begin exit.
1: Exit based on PLL1 DLD. When the PLL1 phase detector confirming valid
clock.
4
HOLDOVER
_PLL1_DET
0
This enables the HOLDOVER when PLL1 lock detect signal transitions from
high to low.
0: PLL1 DLD does not cause a clock switch event
1: PLL1 DLD causes a clock switch event
3
LOS_EXTERNAL_INPUT
0
Use external signals for LOS status instead of internal LOS circuitry.
CLKin_SEL0 pin is used for CLKin0 LOS, CLKin_SEL1 pin is used for CLKin1
LOS, and Status_LD1 is used for CLKin2 LOS. For any of these pins to be
valid, the corresponding _TYPE register must be programmed as an input.
0: Disabled
1: Enabled
2
HOLDOVER_
VTUNE_DET
0
Enables the DAC Vtune rail detector. When the DAC achieves a specified
Vtune, if this bit is enabled, the current clock input is considered invalid and an
input clock switch event is generated.
0: Disabled
1: Enabled
1
CLKin_SWITCH_CP_TRI
0
Enable clock switching with tri-stated charge pump.
0: Not enabled.
1: PLL1 charge pump tri-states during clock switching.
0
HOLDOVER_EN
0
Sets whether holdover mode is active or not.
0: Disabled
1: Enabled
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
68
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com