Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 1 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 1 Page - Texas Instruments

  LMK04832PAP/EM Datasheet HTML 1Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 2Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 3Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 4Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 5Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter
Cleaner
1 Features
• VID#: V62/22612
– Total ionizing dose 30 krad (ELDRS-free)
– SEL immune >43 MeV × cm2/mg
– SEFI immune >43 MeV × cm2/mg
• Ambient temperature range: –55°C to 125°C
• Maximum clock output frequency: 3255 MHz
• Multi-mode: dual PLL, single PLL, and clock
distribution
• 6-GHz external VCO or distribution input
• Ultra-low noise, at 2500 MHz:
– 54-fs RMS jitter (12 kHz to 20 MHz)
– 64-fs RMS jitter (100 Hz to 20 MHz)
– –157.6-dBc/Hz noise floor
• Ultra-low noise, at 3200 MHz:
– 61-fs RMS jitter (12 kHz to 20 MHz)
– 67-fs RMS jitter (100 Hz to 100 MHz)
– –156.5-dBc/Hz noise floor
• PLL2
– PLL FOM of –230 dBc/Hz
– PLL 1/f of –128 dBc/Hz
– Phase detector rate up to 320 MHz
– Two integrated VCOs: 2440 to 2600 MHz
and 2945 to 3255 MHz
• Up to 14 differential device clocks
– CML, LVPECL, LCPECL, HSDS, LVDS, and
2xLVCMOS programmable outputs
• Up to 1 buffered VCXO/XO output
– LVPECL, LVDS, 2xLVCMOS programmable
• 1-1023 CLKOUT divider
• 1-8191 SYSREF divider
• 25-ps step analog delay for SYSREF clocks
• Digital delay and dynamic digital delay for device
clocks and SYSREF
• Holdover mode with PLL1
• 0-delay with PLL1 or PLL2
2 Applications
• Communications payloads
• Radar imaging payload
• Command and data handling
3 Description
The LMK04832-SEP is a high performance clock
conditioner with JEDEC JESD204B/C support for
space applications.
The 14 clock outputs from PLL2 can be configured
to drive seven JESD204B/C converters or other logic
devices using device and SYSREF clocks. SYSREF
can be provided using both DC and AC coupling.
Not limited to JESD204B/C applications, each of the
14 outputs can be individually configured as high-
performance outputs for traditional clocking systems.
This device can be configured for operation in dual
PLL, single PLL, or clock distribution modes with or
without SYSREF generation or reclocking. PLL2 may
operate with either internal or external VCO.
The high performance combined with features like the
ability to trade off between power and performance,
dual VCOs, dynamic digital delay, and holdover allows
to provide flexible high performance clocking trees.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE
LMK04832-SEP
HTQFP (64)
(PAP0064E)
10.00 mm × 10.00
mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
CPOUT1
Control
Registers
STATUS_LD2
Device
Control
SYNC
STATUS_LD1
RESET/GPO
CLKIN_SEL0
CLKIN_SEL1
SCK
SDIO
CS#
SPI
CLKIN0
FIN0
Divider
Pulser
÷1,÷2,..,÷1023
CLKIN0
CLKIN1/
FIN1/
FPCLKIN
CLKIN2/
OSCOUT
OSCIN
CPOUT2
PLL1
CLKOUT0
CLKOUT1
CLKOUT12
CLKOUT13
14 Di eren al
Outputs
Input Switching/Holdover
Phase
Detector/
Charge
Pump
N Divider
R Divider
X2
N Divider
FIN1
Phase
Detector/
Charge
Pump
÷2
Clock Distribution Path
÷1,÷2,..,÷1023
SYNC/SYSREF
Distribution Path
SYSREFDIV
CLKOUT6
CLKOUT8
CLKIN1
PLL2
SYSREF/SYNC
...
... ...
Switchable R Divider
SYSREFDIV
Block Diagram
LMK04832-SEP
SNAS838 – OCTOBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - LMK04832PAP/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04832PAP/EM TI-LMK04832PAP/EM Datasheet
2Mb / 102P
LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
REVISED NOVEMBER 2022
More results

Similar Description - LMK04832PAP/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04832-SP TI-LMK04832-SP Datasheet
2Mb / 99P
LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832-SP TI-LMK04832-SP_V01 Datasheet
2Mb / 98P
LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832-SEP TI-LMK04832-SEP_V01 Datasheet
2Mb / 102P
LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
REVISED NOVEMBER 2022
LMK04368-EP TI-LMK04368-EP Datasheet
2Mb / 110P
LMK04368-EP Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
MAY 2023
LMK04714-Q1 TI-LMK04714-Q1 Datasheet
3Mb / 116P
LMK04714-Q1 Automotive Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com