Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 44 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 44 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 40Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 41Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 42Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 43Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 44Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 45Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 46Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 47Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
8.6.2.2 (0x100 - 0x138) Device Clock and SYSREF Clock Output Controls
8.6.2.2.1 DCLKX_Y_DIV
The device clock divider can drive up to two outputs, an even (X) and an odd (Y) clock output. Divide is a 10 bit
number and split across two registers.
Table 8-15. DCLKX_Y_DIV Field Registers
MSB
LSB
0x0102[1:0] = DCLK0_1_DIV[9:8]
0x100[7:0] = DCLK0_1_DIV[7:0]
0x010A[1:0] = DCLK2_3_DIV[9:8]
0x108[7:0] = DCLK2_3_DIV[7:0]
0x0112[1:0] = DCLK4_5_DIV[9:8]
0x110[7:0] = DCLK4_5_DIV[7:0]
0x011A[1:0] = DCLK6_7_DIV[9:8]
0x118[7:0] = DCLK6_7_DIV[7:0]
0x0122[1:0] = DCLK8_9_DIV[9:8]
0x120[7:0] = DCLK8_9_DIV[7:0]
0x012A[1:0] = DCLK10_11_DIV[9:8]
0x128[7:0] = DCLK10_11_DIV[7:0]
0x0132[1:0] = DCLK12_13_DIV[9:8]
0x130[7:0] = DCLK12_13_DIV[7:0]
Table 8-16. Registers 0x100, 0x108, 0x110, 0x118, 0x120, 0x128, and 0x130
0x102, 0x10A, 0x112, 0x11A, 0x122, 0x12A, 0x132
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x102,
0x10A,
0x112,
0x11A,
0x122,
0x12A, 0x132
1:0
DCLKX_Y_DIV[9:8]
X_Y = 0_1 → 2
X_Y = 2_3 → 4
X_Y = 4_5 → 8
X_Y = 6_7 → 8
X_Y = 8_9 → 8
X_Y = 10_11 → 8
X_Y = 12_13 → 2
DCLKX_Y_DIV sets the divide value for the clock output, the divide
may be even or odd. Both even or odd divides output a 50% duty
cycle clock if duty cycle correction (DCC) is enabled.
0x100,
0x108,
0x110, 0x118,
0x120,
0x128, and
0x130
7:0
DCLKX_Y_DIV[7:0]
Field Value
Divider Value
0 (0x00)
Reserved
1 (0x01)
1 (1)
2 (0x02)
2
...
...
1022 (0x3FE)
1022
1023 (0x3FF)
1023
(1)
Duty cycle correction must also be enabled, DCLKX_Y_DCC = 1.
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
44
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com