Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 15 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 11Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 12Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 13Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 14Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 15Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 16Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 17Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 18Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 103 page
background image
7.2 Differential Voltage Measurement Terminology
The differential voltage of a differential signal can be described by two different definitions causing confusion
when reading data sheets or communicating with other engineers. This section will address the measurement
and description of a differential signal so that the reader will be able to understand and distinguish between the
two different definitions when used.
The first definition used to describe a differential signal is the absolute value of the voltage potential between the
inverting and noninverting signal. The symbol for this first measurement is typically VID or VOD depending on if
an input or output voltage is being described.
The second definition used to describe a differential signal is to measure the potential of the noninverting
signal with respect to the inverting signal. The symbol for this second measurement is VSS and is a calculated
parameter. Nowhere in the IC does this signal exist with respect to ground, it only exists in reference to its
differential pair. VSS can be measured directly by oscilloscopes with floating references, otherwise this value can
be calculated as twice the value of VOD as described in the first description.
Figure 7-1 shows the two different definitions side-by-side for inputs and Figure 7-2 shows the two different
definitions side-by-side for outputs. The VID and VOD definitions show VA and VB DC levels that the noninverting
and inverting signals toggle between with respect to ground. VSS input and output definitions show that if the
inverting signal is considered the voltage potential reference, the noninverting signal voltage potential is now
increasing and decreasing above and below the noninverting reference. Thus the peak-to-peak voltage of the
differential signal can be measured.
VID and VOD are often defined as volts (V) and VSS is often defined as volts peak-to-peak (VPP).
VA
VB
GND
VID = | VA s 9B |
VSS = 2 × VID
VID Definition
VSS Definition for Input
Noninverting Clock
Inverting Clock
VID
2 × VID
Figure 7-1. Two Different Definitions for Differential Input Signals
VA
VB
GND
VOD = | VA - VB |
VSS = 2·VOD
VOD Definition
VSS Definition for Output
Non-Inverting Clock
Inverting Clock
VOD
2·VOD
Figure 7-2. Two Different Definitions for Differential Output Signals
Refer to application note AN-912 Common Data Transmission Parameters and their Definitions (SNLA036) for
more information.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com