Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 88 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 88 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 84Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 85Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 86Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 87Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 88Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 89Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 90Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 91Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
9.2.1 Design Requirements
Clocks outputs:
• 1x 245.76-MHz clock for JESD204B/C ADC, LVPECL.
– This clock requires the best performance in this example.
• 2x 2949.12-MHz clock for JESD204B/C DAC, CML.
• 1x 122.88-MHz clock for JESD204B/C FPGA block, LVDS.
• 3x 10.24-MHz SYSREF for ADC (LVPECL), DAC (LVPECL), FPGA (LVDS).
• 2x 122.88-MHz clock for FPGA, LVDS.
For best performance, the highest possible phase detector frequency is used at PLL2. As such, a 122.88-MHz
VCXO is used.
9.2.2 Detailed Design Procedure
Note
This information is current as of the date of the release of this data sheet. Design tools receive
continuous improvements to add features and improve model accuracy. Refer to the software
instructions or training for latest features.
9.2.2.1 Device Selection
Enter the required frequencies into the tools. In this design, VCO0 and VCO1 both meet the design
requirements. VCO0 offers a relatively improved VCO performance over VCO1. In this case, choose VCO0
for improved RMS jitter in the 12-kHz to 20-MHz integration range.
9.2.2.1.1 Clock Architect
Under the advanced tab of the Clock Architect, filtering of specific parts can be done using regular expressions
in the Part Filter box. [LMK04832.*] will filter for only the LMK04832 device (without brackets). More detailed
filters can be given such as the entire part name LMK04832_VCO0 to force an LMK04832 using VCO0 solution
if one is available.
9.2.2.2 Device Configuration and Simulation
The tools automatically configure the simulation to meet the input and output frequency requirements given, and
make assumptions about other parameters to give some default simulations. However, the user may chose to
make adjustments for more accurate simulations to their application. For example:
• Entering the VCO Gain of the external VCXO or possible external VCO used device.
• Adjust the charge pump current to help with loop filter component selection. Lower charge pump currents
result in smaller components but may increase impacts of leakage and at the lowest values reduce PLL
phase noise performance.
• Clock Architect allows loading a custom phase noise plot for reference or VCXO block. Typically, a custom
phase noise plot is entered for CLKin to match the reference phase noise to device; a phase noise plot for
the VCXO can additionally be provided to match the performance of VCXO used. For improved accuracy in
simulation and optimum loop filter design, be sure to load these custom noise profiles for use in application.
• The PLLatinum™ Simulation tool can also be used to design and simulate a loop filter.
9.2.2.3 Device Programming
Using the clock design tools configuration the TICS Pro software is manually updated with this information to
meet the required application.
Frequency planning for assignment of outputs:
• To minimize crosstalk perform frequency planning / CLKOUT assignments to keep common frequencies on
outputs close together.
• It is best to place common device clock output frequencies on outputs sharing the same VCC group. For
example, these outputs share Vcc4_CG2. Refer to the Pin Configuration and Functions section to see the
VCC groupings the clock outputs.
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
88
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com