Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 89 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 89 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 85Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 86Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 87Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 88Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 89Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 90Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 91Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 92Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 103 page
background image
In this example, the 245.76-MHz ADC output needs the best performance. CLKOUT2 provides the best noise
floor / performance. The 245.76 MHz is placed on CLKOUT2 with 10.24-MHz SYSREF on CLKOUT3.
• For best performance the input and output drive level bits may be set. Best noise floor performance is
achieved with CLKout2_3_IDL = 1 and CLKout2_3_ODL = 1.
• The CLKoutX_Y_ODL bit has no impact on even clock outputs in high performance bypass mode.
In this example, the 983.04-MHz DAC output is placed on CLKOUT4 and CLKOUT6 with 10.24-MHz SYSREF
on paired CLKOUT5 and CLKOUT7 outputs.
• These outputs share Vcc4_CG2.
In this example, the 122.88-MHz FPGA JESD204B/C output is placed on CLKOUT10 with 10.24-MHz SYSREF
on paired CLKOUT11 output.
Additionally, the 122.88-MHz FPGA non-JESD204B/C outputs are placed on CLKOUT8 and CLKOUT9.
• When frequency planning, consider PLL2 as a clock output at the phase detector frequency. As such, these
122.88-MHz outputs have been placed on the outputs close to the PLL2 and Charge Pump power supplies.
Once the device programming is completed as desired in the TICS Pro software, it is possible to export the
register settings from the Register tab for use in application.
9.3 Power Supply Recommendations
9.3.1 Current Consumption
Current consumption varies considerably with the number of outputs and output formats.
9.4 Layout
9.4.1 Layout Guidelines
In general, the following general guidelines are useful to keep in mind.
• GND pins on the outer perimeter of the package may be routed on the package back to the DAP
• Ensure the DAP on device is well-grounded with many vias.
• Use a low loss dielectric material, such as Rogers 4350B, for optimal output power.
• For power supply bypassing, isolate each clock group .
In addition to this, there are special considerations for the routing of the outputs. The outputs are divided in to
several output groups.
• Clock Group 0: CLKOUT0, CLKOUT1, CLKOUT12, CLKOUT13
• Clock Group 1: CLKOUT2, CLKOUT3
• Clock Group 2: CLKOUT4, CLKOUT5, CLKOUT6, CLKOUT7
• Clock Group 3: CLKOUT8, CLKOUT9, CLKOUT10, CLKOUT11
It is optimal to isolate the power supply pins for these clock group pins with a ferrite bead to crosstalk between
the outputs, especially if the output groups have different frequencies. If there is flexibility in planning which
frequencies go to which outputs, crosstalk can be minimized by putting different frequencies in different output
groups (as opposed to putting them in the same output group).
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com