Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 43 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 43 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 39Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 40Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 41Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 42Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 43Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 44Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 45Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 46Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 103 page
background image
8.6.2.1.4 ID_PROD
These registers contain the product identifier. This is a read only register.
Table 8-10. ID_PROD Field Registers
MSB
LSB
0x004[7:0] / ID_PROD[15:8]
0x005[7:0] / ID_PROD[7:0]
Table 8-11. Registers 0x004 and 0x005
REGISTER
BIT
FIELD NAME
POR DEFAULT
DESCRIPTION
0x004
7:0
ID_PROD[15:8]
209 (0xD1)
MSB of the product identifier.
0x005
7:0
ID_PROD[7:0]
99 (0x63)
LSB of the product identifier.
8.6.2.1.5 ID_MASKREV
This register contains the IC version identifier. This is a read only register.
Table 8-12. Register 0x006
BIT
NAME
POR DEFAULT
DESCRIPTION
7:0
ID_MASKREV
112 (0x70)
IC version identifier
8.6.2.1.6 ID_VNDR
These registers contain the vendor identifier. This is a read only register.
Table 8-13. ID_VNDR Field Registers
MSB
LSB
0x00C[7:0] / ID_VNDR[15:8]
0x00D[7:0] / ID_VNDR[7:0]
Table 8-14. Registers 0x00C, 0x00D
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x00C
7:0
ID_VNDR[15:8]
81 (0x51)
MSB of the vendor identifier.
0x00D
7:0
ID_VNDR[7:0]
4 (0x04)
LSB of the vendor identifier.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com