Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 6 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 2Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 3Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 4Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 5Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
SYMBOL
PARAMETER
MIN
MAX
UNIT
VDD, VDD_A
Power supply voltage
–0.3
3.6
V
VIN
Input voltage
-0.3
VDD + 0.3
V
IIN
Differential input current (CLKIN_P/N,
OSCIN_P/N,FIN0_P/N,FIN1_P/N
5
mA
TJ
Junction Temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
SYMBOL
PARAMETER
CONDITION
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over case temperature range (unless otherwise noted)
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VDD
IO supply voltage
3.135
3.3
3.465
V
VDD_A
Core supply voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
–55
125
°C
6.4 Thermal Information
SYMBOL
THERMAL METRIC(1)
PAP (HTQFP)
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
21.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.7
°C/W
RθJB
Junction-to-board thermal resistance
7.4
°C/W
ΨJT
Junction-to-top characterization parameter
1.3
°C/W
ΨJB
Junction-to-board characterization parameter
7.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com