Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 5 Page - Texas Instruments

  LMK04832PAP/EM Datasheet HTML 1Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 2Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 3Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 4Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 5Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NO.
NAME
40
FIN0_P
I
ANLG
High-speed input for external VCO or clock distribution. Supports /2 for
frequency greater than 3250 MHz.
41
FIN0_N
42
VCC1_VCO
–
PWR
Power supply for VCO and clock distribution.
43
LDOBYP1
–
ANLG
LDO Bypass, bypassed to ground with 10-µF capacitor.
44
LDOBYP2
–
ANLG
LDO Bypass, bypassed to ground with a 0.1-µF capacitor.
45
CLKOUT3_P
O
Programmable
Clock output 3. For JESD204B/C systems suggest SYSREF Clock.
(2) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
46
CLKOUT3_N
47
CLKOUT2_P
O
Programmable
Clock output 2. For JESD204B/C systems suggest Device Clock.
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
48
CLKOUT2_N
49
VCC2_CG1
–
PWR
Power supply for clock outputs 2 and 3.
50
CS#
I
CMOS
Chip Select
51
SCK
I
CMOS
SPI Clock
52
SDIO
I/O
CMOS
SPI Data
53
VCC3_SYSREF
–
PWR
Power supply for SYSREF divider and SYNC.
54
CLKOUT5_P
O
Programmable
Clock output 5. For JESD204B/C systems suggest SYSREF Clock.
(2) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
55
CLKOUT5_N
56
CLKOUT4_P
O
Programmable
Clock output 4. For JESD204B/C systems suggest Device Clock.(2)
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
57
CLKOUT4_N
58
VCC4_CG2
–
PWR
Power supply for clock outputs 4, 5, 6 and 7.
59
CLKOUT6_P
O
Programmable
Clock output 6. For JESD204B/C systems suggest Device Clock.(2)
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
60
CLKOUT6_N
61
CLKOUT7_P
O
Programmable
Clock output 7. For JESD204B/C systems suggest SYSREF Clock.
(2) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
62
CLKOUT7_N
63
STATUS_LD1
I/O
Programmable
Programmable status pin.
64
CPOUT1
O
ANLG
Charge pump 1 output.
DAP
DAP
–
GND
DIE ATTACH PAD, connect to GND.(1)
(1)
The metal lid is internally grounded and attached to the DAP.
(2)
Actual best allocation of device clocks and SYSREF depends upon frequency planning to group common frequencies.
www.ti.com
LMK04832-SEP
SNAS838 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com