Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 56 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 56 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 52Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 53Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 54Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 55Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 56Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 57Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 58Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 59Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 60Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 121 page
background image
B7AM-6BS
B7AM-6BS
54
Operation
Power Supply
The six positive and six negative terminals on the terminal block are internally connected. Use positive and negative terminals for the power
supply terminals and another negative terminal for the negative signal line. Connect the SIG1 terminals to SIG2 terminals for the signal lines.
I/O Delay: Normal Speed
Note:
A VCTF cable with a thickness of 0.75 mm2 min. must be used for signal transmission.
(12 to 24 V)
(12 to 24 V)
DC Power
supply
DC power
supply
Transmission distance
500 m max.
Set the selector switch to 19.2 ms
Set the selector switch to 19.2 ms
Power supply
Power supply
I/O Delay: High Speed
Note:
A shielded cable with a thickness of 0.75 mm2 min. must be used for signal transmission. It is recommended that the shield
be grounded.
The maximum transmission distance is 10 m if a VCTF wire with a thickness of 0.75 mm2 is used instead of a shielded cable
for the transmission path.
Set the selector switch to 3 ms
Set the selector switch to 3 ms
(12 to 24 V)
(12 to 24 V)
DC power
supply
DC power
supply
Power supply
Power supply
Transmission distance
100 m max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com