Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 63 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 59Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 60Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 61Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 62Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 63Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 64Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 65Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 66Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 67Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 121 page
background image
B7AM-8
j
B7AM-8
j
61
Operation
Power Supply
The two positive and three negative terminals on the terminal block are internally connected on the terminal block. Use a positive terminal and
negative terminal for the power supply terminals and another negative terminal for the negative signal line. Connect the SIG1 terminals to SIG2
terminals for the signal lines.
I/O Delay: Normal Speed
Connection of Independent Power Supplies
Connection of Single Power Supply to Input or Output Terminal
Note:
A VCTF cable with a thickness of 0.75 mm2 min. must be used for signal transmission.
Note:
In this example, a VCTF transmission cable with a thickness of 0.75 mm2 min. is used,
through which a current of 1.8 A max. can be transmitted.
(12 to 24 V)
(12 to 24 V)
DC Power
supply
DC power
supply
(12 to 24 V)
DC power
supply
SIG1
SIG2
SIG1
SIG2
Transmission distance
500 m max.
Transmission distance
100 m max.
SIG
SIG
SIG1
SIG2
SIG1
SIG2
SIG
SIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com