Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 39Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 40Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 41Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 42Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 43Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 44Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 45Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 46Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 121 page
background image
B7A
B7A
41
Installation
Internal Circuits and Terminal Arrangement
16-point Terminals
B7A-T6E3/-T6E8 (Input, Active Low)
–
SIG
12 to
24 VDC
Terminal
board
IN00
IN15
to
+
+
_
Transmission
line
Terminal
board
Connector
Connector
Terminal No.
Terminal
Terminal No.
Terminal
1
IN00
13
IN08
2
IN01
14
IN09
3
IN02
15
IN10
4
IN03
16
IN11
5
IN04
17
IN12
6
IN05
18
IN13
7
IN06
19
IN14
8
IN07
20
IN15
9
–
21
–
10
+
22
+
11
NC (open)
23
NC (open)
12
NC (open)
24
NC (open)
Note:
Do not short-circuit the SIG terminal with a positive or nega-
tive power supply terminal, otherwise the internal elements
of the B7A will be damaged and no transmission will be pos-
sible.
B7A-R6A13/-R6A18/-R6A33/-R6A38
(Output, NPN Open Collector)
12 to
24 VDC
ERR
Terminal
board
Connector
OUT00
OUT15/ERR
to
+
_
Transmission
line
SIG
Connector
Terminal
board
I/O output or error output
can be selected.
+ (9, 21)
(see note 2)
(see note 1)
Fuse
(see note 3)
(See note 1)
Terminal No.
Terminal
Terminal No.
Terminal
1
OUT00
13
OUT08
2
OUT01
14
OUT09
3
OUT02
15
OUT10
4
OUT03
16
OUT11
5
OUT04
17
OUT12
6
OUT05
18
OUT13
7
OUT06
19
OUT14
8
OUT07
20
OUT15/ERR
(see note 1)
9
+ (see note 2)
21
+ (see note 2)
10
NC (open)
22
NC (open)
11
NC (open)
23
NC (open)
12
NC (open)
24
NC (open)
Note:
1. It is possible to select 16 I/O points or 15 I/O points and 1
error output point.
2. A maximum of 0.4 A can be supplied from each positive
terminal.
3. The user cannot replace the fuse.
4. Do not short-circuit any output terminal with the positive
terminal, otherwise the internal elements of the B7A will
be damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com