Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 30Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 31Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 32Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 33Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 34Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 35Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 36Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 37Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 121 page
background image
32
Link Terminals with PLC Connectors (16 and 32 I/O Points)
B7A
Transmit Signals while Saving Wiring
Effort and Space between the B7A and
PLC
Connecting to an OMRON PLC and 16-point B7A
with ease.
Models with 16-point terminals and 32-point
terminals are available.
Transmit 16 input signals over just 2 wires (or over 3
wires if only one terminal has power supply) and 32
input signals over just 3 wires (or over 4 wires if only
one terminal has power supply).
Ordering Information
Model Number Legend
Input Models
B7A - T
E
12
34
1. Input/Output Classification
T: Input
2. Number of I/O
6: 16
3: 32
3. Input Configuration
E: NPN compatible
4. I/O Delay Time (Typical)
3: 19.2 ms
8: 3 ms
Output Models
B7A - R
A
12
34
1. Input/Output Classification
R: Output
2. Number of I/O
6: 16
3: 32
3. Output Configuration/
Capacity
A: NPN open collector/
50 mA/point
4. Error Processing
1: HOLD
3: LOAD OFF
5. I/O Delay Time (Typical)
3: 19.2 ms
8: 3 ms
5
Product List
Refer to page 114 for details.
I/O Combinations
Refer to pages 1 to 5 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com