Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 42Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 43Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 44Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 45Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 46Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 47Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 48Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 49Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 121 page
background image
44
Link Terminals with 16 Relay Outputs
G70D-B7A
Ultra Miniature Link Terminal with B7A
Communications Functions and 16
Output Points
Equipped with B7A communications functions and
enables wiring reductions in B7A connections
(except for high-speed models).
Power relay (G6D) models and power MOS FET
relay (G3DZ) models available.
Compact dimensions: 156
× 51 × 51 mm (W × D ×
H).
The load is connected directly to the terminal block
without the need for a relay terminal.
Signal status can be confirmed at a glance with
operation indicators.
Incorporates surge absorbing diode.
Equipped with Relay Removal Tool.
Supports either screw mounting or DIN track
mounting.
Ordering Information
Product List
Classification
Number of I/O
points
Rated voltage
I/O delay time
Error processing
Model
Relay output
16 (SPST-NO
× 16) 24 VDC
Normal (typical:
19 2
)
HOLD (See note 2.)
G70D-R6R11-B7A
eay ou u
6(S S
O
6)
C
oa ( y ca
19.2 ms)
(See note 1.)
LOAD OFF (See note
3.)
G70D-R6R31-B7A
Power MOS FET
lt
t
HOLD (See note 2.)
G70D-R6M11-B7A
oe
OS
relay output
LOAD OFF (See note
3.)
G70D-R6M31-B7A
Note:
1. Not connectable to high-speed B7A models.
2. When an error occurs, the status of outputs just before the error occurred is maintained.
3. When an error occurs, all the outputs are turned OFF.
Specifications
Characteristics
Communications Specifications
Communications method
Unidirectional, time-division
multiplex
Transmission distance
(see note)
500 m max.
I/O delay time
Typical: 19.2 ms; 31 ms max.
Note:
Separate power supplies are required for inputs and out-
puts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com